Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP20N60C3 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HGTP20N60C3
Description  45A, 600V, UFS Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP20N60C3 Datasheet(HTML) 6 Page - Intersil Corporation

  HGTP20N60C3 Datasheet HTML 1Page - Intersil Corporation HGTP20N60C3 Datasheet HTML 2Page - Intersil Corporation HGTP20N60C3 Datasheet HTML 3Page - Intersil Corporation HGTP20N60C3 Datasheet HTML 4Page - Intersil Corporation HGTP20N60C3 Datasheet HTML 5Page - Intersil Corporation HGTP20N60C3 Datasheet HTML 6Page - Intersil Corporation HGTP20N60C3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 16. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
Test Circuit and Waveforms
FIGURE 17. INDUCTIVE SWITCHING TEST CIRCUIT
FIGURE 18. SWITCHING TEST WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
t1, RECTANGULAR PULSE DURATION (s)
10-3
10-2
10-1
100
10-5
10-3
10-2
10-1
100
101
10-4
0.1
0.2
0.05
0.02
SINGLE PULSE
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
0.5
0.01
RG = 10Ω
L = 1mH
VDD = 480V
+
-
RHRP3060
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON2
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S


Similar Part No. - HGTP20N60C3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP20N60C3 FAIRCHILD-HGTP20N60C3 Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTP20N60C3 FAIRCHILD-HGTP20N60C3 Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTP20N60C3R FAIRCHILD-HGTP20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
More results

Similar Description - HGTP20N60C3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTG20N60C3 FAIRCHILD-HGTG20N60C3 Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com