Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD53033 Datasheet(PDF) 5 Page - Analog Devices

Part # AD53033
Description  High Performance Driver/Comparator on a Single Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53033 Datasheet(HTML) 5 Page - Analog Devices

  AD53033_15 Datasheet HTML 1Page - Analog Devices AD53033_15 Datasheet HTML 2Page - Analog Devices AD53033_15 Datasheet HTML 3Page - Analog Devices AD53033_15 Datasheet HTML 4Page - Analog Devices AD53033_15 Datasheet HTML 5Page - Analog Devices AD53033_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AD53033
–5–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD53033 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Power Supply Voltage
+VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13 V
–VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –8 V
+VS to –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20 V
PWR GND to ECL GND or HQ GND . . . . . . . . . .
±0.4 V
Inputs
DATA, DATA, IOD, IOD, RLD, RLD . . . . . . +5 V, –3 V
DATA to DATA, IOD to IOD, RLD to RLD . . . . . . .
±3 V
LEL, LEL, LEH, LEH . . . . . . . . . . . . . . . . . . . +5 V, –3 V
LEL to LEL, LEH to LEH . . . . . . . . . . . . . . . . . . . . .
±3 V
VH, VL, VTERM to GND . . . . . . . . . . . . . . . . +9 V, –4 V
VH to VL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±11 V
(VH – VTERM) and (VTERM – VL) . . . . . . . . . . . .
±11 V
HCOMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +9 V, –4 V
LCOMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +9 V, –4 V
HCOMP, LCOMP to VOUT . . . . . . . . . . . . . . . . . . . ± 11 V
Outputs
VOUT Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
2
VOUT Inhibit Mode . . . . . . . . . . . . . . . . . . . . . . . +9 V, –4 V
VHDCPL . . . . . . . . Do Not Connect Except for Cap to VCC
VLDCPL . . . . . . . . Do Not Connect Except for Cap to VEE
QH, QH, QL, QL Maximum IOUT
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Surge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100 mA
THERM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13 V, 0 V
Environmental
Operating Temperature (Junction) . . . . . . . . . . . . . . +175
°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec)
3
. . . . . . . . . . +260
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Absolute maximum limits apply
individually, not in combination. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Output short circuit protection to ground is guaranteed as long as proper heat
sinking is employed to ensure compliance with the operating temperature limits.
3To ensure lead coplanarity (
± 0.002 inches) and solderability, handling with bare
hands should be avoided and the device should be stored in environments at 24
°C
± 5°C (75°F ± 10°F) with relative humidity not to exceed 65%.
Table III. Package Thermal Characteristics
Air Flow, FM
JA, C/W
033
200
25
400
22
ORDERING GUIDE
Shipment Method
Package
Quantity per
Package
Model
Description
Shipping Container
Option
AD53033JSTP
52-Lead LQFP-EDQUAD
90
SQ-52


Similar Part No. - AD53033_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53033JSTP AD-AD53033JSTP Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
More results

Similar Description - AD53033_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509G AD-AD53509G Datasheet
352Kb / 12P
   High Performance Driver/Comparator Active Load on a Single Chip
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com