Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2333T Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SM2333T
Description  Colorless transparency lens type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SM2333T Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SM2333T Datasheet HTML 1Page - KODENSHI_AUK CORP. SM2333T Datasheet HTML 2Page - KODENSHI_AUK CORP. SM2333T Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUK CORP.
SM2333(T)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
1. Features
◆ Colorless transparency lens type
◆ Compact type
◆ Radiation size 1.3mm
× 2.9mm
◆ Surface mount lead configuration
2. Outline Dimensions
unit : mm
2.40~2.60
1.20~1.40
0.50 Max.
0.20 Min.
1
2
PIN Connections
1. Anode
2. N.C.
3. Cathode
1


Similar Part No. - SM2333T

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
logo
Sinopower Semiconductor...
SM2333PSA SINOPWER-SM2333PSA Datasheet
263Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2333PSAC-TRG SINOPWER-SM2333PSAC-TRG Datasheet
263Kb / 11P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - SM2333T

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SI3317-H KODENSHI-SI3317-H Datasheet
223Kb / 4P
   Colorless transparency lens type
SI5311-H KODENSHI-SI5311-H Datasheet
221Kb / 4P
   Colorless transparency lens type
SI5312-H KODENSHI-SI5312-H Datasheet
226Kb / 4P
   Colorless transparency lens type
SI5313-H KODENSHI-SI5313-H Datasheet
206Kb / 4P
   Colorless transparency lens type
SI5315-H KODENSHI-SI5315-H Datasheet
198Kb / 4P
   Colorless transparency lens type
SA2336-G KODENSHI-SA2336-G Datasheet
205Kb / 5P
   Colorless transparency lens type
SA2336-D KODENSHI-SA2336-D Datasheet
206Kb / 5P
   Colorless transparency lens type
SA2336-E KODENSHI-SA2336-E Datasheet
205Kb / 5P
   Colorless transparency lens type
SAM5370 KODENSHI-SAM5370 Datasheet
311Kb / 3P
   Colorless transparency lens type
SA3317-F KODENSHI-SA3317-F Datasheet
318Kb / 3P
   Colorless transparency lens type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com