Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNN01Z10Q Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SNN01Z10Q
Description  Logic level N-CH Power MOWFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNN01Z10Q Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SNN01Z10Q Datasheet HTML 1Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 2Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 3Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 4Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 5Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 6Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 7Page - KODENSHI_AUK CORP. SNN01Z10Q Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev
Fe
Or
Ma
Ab
D
G
D
D
Si
Re
Re
Po
Ju
St
* L
v. date: 24-N
eatures
Logic level
Max. RDS(ON
Low RDS(on)
ESD protec
Halogen fr
rdering In
Part Num
SNN01Z
arking Inf
bsolute m
rain-source v
Gate-source v
rain current
rain current
ingle pulsed
epetitive ava
epetitive ava
ower dissipa
unction temp
torage temp
Limited only m
SNN01
NOV-11
L
l gate drive
N) = 0.24Ω a
provides hi
cted: 2000V
ree and RoH
nformatio
mber
Z10Q
formation
maximum
Characte
voltage
voltage
(DC) *
(Pulsed) *
avalanche e
alanche curr
alanche ene
ation
perature
perature rang
maximum junc
1Z10Q
YWW
Logic Le
e
t VGS = 10V,
igher efficie
V (HBM: ±10
HS complian
on
Marking
SNN01Z10
n
ratings (T
ristic
energy (Note 2)
rent (Note 1)
rgy (Note 1)
ge
ction tempera
Column 1
Column 2
e.g.) YW
-. Y: Y
-. WW
KS
evel Ga
ID = 0.5A
ency
000V)
nt device
g
0Q
TC=25°C unles
ature
1: Device Cod
2: Production
WW
Year Code
W: Week Code
SD-T5A011-0
ate Dri
Package
SOT-223
ss otherwise n
Symb
VDS
VGS
ID
T
T
IDM
EAS
IAR
EAR
PD
TJ
Tst
de
n Information
e
000
ve App
noted)
bol
SS
SS
Tc=25°C
c=100°C
M
S
R
R
D
J
tg
G
SN
Logic Le
plicatio
Rati
10
±2
1
0.6
4
35
1
0.1
1.
15
-55~
G
S
D
NN01Z
evel N-Ch Po
on
ing
00
20
63
4
5
18
8
50
150
SOT-223
D
www.auk.co
1 o
Z10Q
ower MOSFE
Unit
V
V
A
A
A
mJ
A
mJ
W
°C
°C
o.kr
of 8
Q
ET


Similar Part No. - SNN01Z10Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SNN01Z10D KODENSHI-SNN01Z10D Datasheet
363Kb / 8P
   Logic level N-CH Power MOWFET
More results

Similar Description - SNN01Z10Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN630LD KODENSHI-SMN630LD Datasheet
315Kb / 8P
   Logic level N-CH Power MOWFET
SMN04L20D KODENSHI-SMN04L20D Datasheet
423Kb / 8P
   Logic level N-CH Power MOWFET
SMN04L20IS KODENSHI-SMN04L20IS Datasheet
440Kb / 8P
   Logic level N-CH Power MOWFET
SMN01L20Q KODENSHI-SMN01L20Q Datasheet
438Kb / 8P
   Logic level N-CH Power MOWFET
SNN01Z10D KODENSHI-SNN01Z10D Datasheet
363Kb / 8P
   Logic level N-CH Power MOWFET
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com