Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACSA08-51SURKWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # ACSA08-51SURKWA
Description  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSA08-51SURKWA Datasheet(HTML) 2 Page - Kingbright Corporation

  ACSA08-51SURKWA_15 Datasheet HTML 1Page - Kingbright Corporation ACSA08-51SURKWA_15 Datasheet HTML 2Page - Kingbright Corporation ACSA08-51SURKWA_15 Datasheet HTML 3Page - Kingbright Corporation ACSA08-51SURKWA_15 Datasheet HTML 4Page - Kingbright Corporation ACSA08-51SURKWA_15 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG8876
REV NO: V.7A
DATE: JAN/12/2015
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1351000558
Selection Guide
Notes:
1. Luminous intensity/ luminous Flux: +/-15%.
*Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
Hyper Red (AlGaInP)
White Diffused
21000
47000
Common Anode,
Rt. Hand Decimal.
*5600
*12000
ACSA08-51SURKWA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Hyper Red
645
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Red
630
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Red
28
nm
IF=20mA
C
Capacitance
Hyper Red
35
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
1.95
2.5
V
IF=20mA
IR
Reverse Current
Hyper Red
10
uA
VR=5V
Parameter
Hyper Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
185
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - ACSA08-51SURKWA_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
ACSA08-51SURKWA KINGBRIGHT-ACSA08-51SURKWA Datasheet
287Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Similar Description - ACSA08-51SURKWA_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com