Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD3224SECK-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APD3224SECK-F01
Description  3.2x2.4mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APD3224SECK-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  APD3224SECK-F01_15 Datasheet HTML 1Page - Kingbright Corporation APD3224SECK-F01_15 Datasheet HTML 2Page - Kingbright Corporation APD3224SECK-F01_15 Datasheet HTML 3Page - Kingbright Corporation APD3224SECK-F01_15 Datasheet HTML 4Page - Kingbright Corporation APD3224SECK-F01_15 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAF1085
REV NO: V.8A
DATE: FEB/04/2015
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1203012853
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APD3224SECK-F01
Super Bright Orange (AlGaInP)
Water Clear
1500
2700
*1000
*1600
20
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Orange
610
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Orange
601
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Orange
29
nm
IF=20mA
C
Capacitance
Super Bright Orange
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Orange
2.1
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Orange
10
uA
VR=5V
Parameter
Super Bright Orange
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
195
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
*Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - APD3224SECK-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APD3224SECK-F01 KINGBRIGHT-APD3224SECK-F01 Datasheet
281Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
More results

Similar Description - APD3224SECK-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBD3224ESGC KINGBRIGHT-APBD3224ESGC Datasheet
122Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224ZGC-F01 KINGBRIGHT-APD3224ZGC-F01 Datasheet
303Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224ZGC-F01 KINGBRIGHT-APD3224ZGC-F01_15 Datasheet
238Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224MGC-F01 KINGBRIGHT-APD3224MGC-F01 Datasheet
122Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224PBC-A-F01 KINGBRIGHT-APD3224PBC-A-F01 Datasheet
286Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224SEC-F01 KINGBRIGHT-APD3224SEC-F01 Datasheet
121Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224SGC-F01 KINGBRIGHT-APD3224SGC-F01 Datasheet
280Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224SURC-F01 KINGBRIGHT-APD3224SURC-F01 Datasheet
121Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224VGC-A-F01 KINGBRIGHT-APD3224VGC-A-F01 Datasheet
302Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224VGC-Z-F01 KINGBRIGHT-APD3224VGC-Z-F01 Datasheet
300Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZVG78W SUNLED-ZVG78W Datasheet
194Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com