Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG5N120BND Datasheet(PDF) 6 Page - Intersil Corporation

Part # HGTG5N120BND
Description  21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG5N120BND Datasheet(HTML) 6 Page - Intersil Corporation

  HGTG5N120BND Datasheet HTML 1Page - Intersil Corporation HGTG5N120BND Datasheet HTML 2Page - Intersil Corporation HGTG5N120BND Datasheet HTML 3Page - Intersil Corporation HGTG5N120BND Datasheet HTML 4Page - Intersil Corporation HGTG5N120BND Datasheet HTML 5Page - Intersil Corporation HGTG5N120BND Datasheet HTML 6Page - Intersil Corporation HGTG5N120BND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 17. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
FIGURE 18. DIODE FORWARD CURRENT vs FORWARD
VOLTAGE DROP
FIGURE 19. RECOVERY TIMES vs FORWARD CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
0.5
CIES
COES
1.0
CRES
FREQUENCY = 1MHz
1.5
2.0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
0.5
1.0
DUTY CYCLE < 0.5%, TC = 110
oC
PULSE DURATION = 250
µs
VGE = 15V
VGE = 10V
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
2
4
6
8
10
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
10-4
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD x ZθJC x RθJC) + TC
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
t1
t2
PD
1
10
100
0
1
2345
678
VF, FORWARD VOLTAGE (V)
150oC
-55oC
25oC
60
50
40
30
20
10
0
1234
567
IF, FORWARD CURRENT (A)
TC = 25
oC, dl
EC / dt = 200A/µs
trr
ta
tb
HGTG5N120BND, HGTP5N120BND, HGT1S5N120BNDS


Similar Part No. - HGTG5N120BND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
More results

Similar Description - HGTG5N120BND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP2N120CND INTERSIL-HGTP2N120CND Datasheet
92Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
logo
Unisonic Technologies
UG5N120 UTC-UG5N120 Datasheet
288Kb / 3P
   NPT N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODES
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com