Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG5N120CND Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGTG5N120CND
Description  25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG5N120CND Datasheet(HTML) 5 Page - Intersil Corporation

  HGTG5N120CND Datasheet HTML 1Page - Intersil Corporation HGTG5N120CND Datasheet HTML 2Page - Intersil Corporation HGTG5N120CND Datasheet HTML 3Page - Intersil Corporation HGTG5N120CND Datasheet HTML 4Page - Intersil Corporation HGTG5N120CND Datasheet HTML 5Page - Intersil Corporation HGTG5N120CND Datasheet HTML 6Page - Intersil Corporation HGTG5N120CND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
3
246
15
20
25
30
35
5
40
79
810
TJ = 25
oC, T
J = 150
oC, V
GE = 12V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
RG = 25Ω, L = 5mH, VCE = 960V
ICE, COLLECTOR TO EMITTER CURRENT (A)
3
0
10
30
25
15
7
2
20
6
5
410
9
8
35
40
TJ = 25
oC, T
J = 150
oC, V
GE = 12V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
RG = 25Ω, L = 5mH, VCE = 960V
23
6
1
300
5
4
100
200
ICE, COLLECTOR TO EMITTER CURRENT (A)
9
8
7
600
400
500
10
0
TJ = 150
oC, V
GE = 12V, VGE = 15V
TJ = 25
oC, V
GE = 12V, VGE = 15V
RG = 25Ω, L = 5mH, VCE = 960V
ICE, COLLECTOR TO EMITTER CURRENT (A)
23
5
1
300
400
4
100
200
500
600
8
7
610
9
700
800
TJ = 150
oC, V
GE = 12V AND 15V
TJ = 25
oC, V
GE = 12V AND 15V
900
RG = 25Ω, L = 5mH, VCE = 960V
0
10
12
6789
11
VGE, GATE TO EMITTER VOLTAGE (V)
10
20
30
13
14
40
250
µs PULSE TEST
DUTY CYCLE < 0.5%, VCE = 20V
50
60
70
80
15
TC = -55
oC
TC = 25
oC
TC = 150
oC
16
90
100
QG, GATE CHARGE (nC)
8
4
20
2
6
0
050
10
30
60
40
14
10
12
16
IG(REF) = 1mA, RL = 120Ω, TC = 25
oC
VCE = 800V
VCE = 1200V
VCE = 400V
HGTG5N120CND, HGTP5N120CND, HGT1S5N120CNDS


Similar Part No. - HGTG5N120CND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG5N120BND INTERSIL-HGTG5N120BND Datasheet
89Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
More results

Similar Description - HGTG5N120CND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com