Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3551T Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTC3551T
Description  NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTC3551T Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KTC3551T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTC3551T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KTC3551T Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KTC3551T Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
KTC3551T
Typical Characterisitics
V
- I
C
COLLECTOR CURRENT I (A)
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I - V
C
CE
0.2
0.4
0.6
0.8
1.0
200
400
600
800
1K
CE(sat)
C
COLLECTOR CURRENT I (A)
C
I =0mA
30mA
40mA
2mA
4mA
6mA
8mA
10mA
B
Ta=75
C
I /I =50
C B
I /I =20
C B
Ta=25 C
Ta=-25
C
Ta=25
C
Ta=75
C
Ta=-25
C
Ta=-25 C
Ta=25 C
Ta=75 C
h - I
FE
C
V
- I
C
COLLECTOR CURRENT I (A)
CE(sat)
C
0.1
0.3
0.03
0.01
1.0
10
30
50
100
300
500
1K
V =2V
CE
0.01
0.1
0.3
0.03
0.01
1
0.03
0.05
0.1
0.3
0.5
1
0.01
0.1
0.3
0.03
0.01
1
0.03
0.05
0.1
0.3
0.5
1
V =2V
CE
I /I =50
C B
Ta=-25 C
Ta=25 C
Ta=75 C
BASE-EMITTER VOLTAGE V
(V)
0
BE
I - V
C
BE
0.2
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.4
0.6
0.8
1.0
1.2
V
- I
C
COLLECTOR CURRENT I (A)
BE(sat)
C
0.1
0.1
0.3
0.03
0.01
1
0.3
0.5
1
3
5
10


Similar Part No. - KTC3551T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3551T KEC-KTC3551T Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTC3551T KEC-KTC3551T Datasheet
425Kb / 1P
   TSM PACKAGE
logo
Guangdong Kexin Industr...
KTC3551T-3 KEXIN-KTC3551T-3 Datasheet
1Mb / 4P
   NPN Transistors
KTC3551T-HF KEXIN-KTC3551T-HF Datasheet
1Mb / 4P
   NPN Transistors
KTC3551T-HF-3 KEXIN-KTC3551T-HF-3 Datasheet
1Mb / 4P
   NPN Transistors
More results

Similar Description - KTC3551T

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com