Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTH20N40E1D Datasheet(PDF) 6 Page - Intersil Corporation

Part # HGTH20N40E1D
Description  20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTH20N40E1D Datasheet(HTML) 6 Page - Intersil Corporation

  HGTH20N40E1D Datasheet HTML 1Page - Intersil Corporation HGTH20N40E1D Datasheet HTML 2Page - Intersil Corporation HGTH20N40E1D Datasheet HTML 3Page - Intersil Corporation HGTH20N40E1D Datasheet HTML 4Page - Intersil Corporation HGTH20N40E1D Datasheet HTML 5Page - Intersil Corporation HGTH20N40E1D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3-81
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HGTH20N40C1D, HGTH20N40E1D, HGTH20N50C1D, HGTH20N50E1D


Similar Part No. - HGTH20N40E1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTH20N40E1 INTERSIL-HGTH20N40E1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
More results

Similar Description - HGTH20N40E1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTG20N50C1D INTERSIL-HGTG20N50C1D Datasheet
33Kb / 5P
   20A, 500V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG5N120BND INTERSIL-HGTG5N120BND Datasheet
89Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com