Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP12N60A4 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HGTP12N60A4
Description  600V, SMPS Series N-Channel IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP12N60A4 Datasheet(HTML) 4 Page - Intersil Corporation

  HGTP12N60A4 Datasheet HTML 1Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 2Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 3Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 4Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 5Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 6Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 7Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 8Page - Intersil Corporation HGTP12N60A4 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs
COLLECTOR TO EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
0
0.5
1.0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
4
8
1.5
2
2.5
16
20
12
TJ = 125
oC
TJ = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 12V
24
TJ = 25
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TJ = 150
oC
TJ = 25
oC
TJ = 125
oC
0
0.5
1.0
1.5
2
2.5
4
8
16
12
20
24
0
500
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
400
200
600
0
700
6
4
1012
1416
818
20
22
24
TJ = 125
oC, V
GE = 12V, VGE = 15V
RG = 10Ω, L = 500µH, VCE = 390V
TJ = 25
oC, V
GE = 12V, VGE = 15V
100
2
300
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
50
200
100
250
350
400
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 125
oC, V
GE = 12V OR 15V
150
6
4
2
10121416
8
18202224
RG = 10Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
11
12
13
14
15
6
4
2
10121416
8
18202224
16
17
18
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
TJ = 25
oC, T
J = 125
oC, V
GE = 12V
RG = 10Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
4
16
12
8
6
4
2
10121416
8
18202224
20
32
28
24
RG = 10Ω, L = 500µH, VCE = 390V
TJ = 125
oC, OR T
J = 25
oC, V
GE = 12V
TJ = 25
oC OR T
J = 125
oC, V
GE = 15V
HGTP12N60A4, HGTG12N60A4, HGT1S12N60A4S


Similar Part No. - HGTP12N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP12N60A4 FAIRCHILD-HGTP12N60A4 Datasheet
229Kb / 8P
   600V, SMPS Series N-Channel IGBTs
HGTP12N60A4D FAIRCHILD-HGTP12N60A4D Datasheet
173Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP12N60A4D INTERSIL-HGTP12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
More results

Similar Description - HGTP12N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com