Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD74111 Datasheet(PDF) 4 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 4 Page - Analog Devices

  AD74111_15 Datasheet HTML 1Page - Analog Devices AD74111_15 Datasheet HTML 2Page - Analog Devices AD74111_15 Datasheet HTML 3Page - Analog Devices AD74111_15 Datasheet HTML 4Page - Analog Devices AD74111_15 Datasheet HTML 5Page - Analog Devices AD74111_15 Datasheet HTML 6Page - Analog Devices AD74111_15 Datasheet HTML 7Page - Analog Devices AD74111_15 Datasheet HTML 8Page - Analog Devices AD74111_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
AD74111
TIMING CHARACTERISTICS
(AVDD = 2.5 V
± 5%, DVDD2 = 2.5 V ± 5%, DVDD1 = 3.3 V ± 10%, fMCLK = 12.288 MHz, fS = 48 kHz,
TA = TMIN to TMAX, unless otherwise noted.)
Parameter
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
tMH
MCLK High
25
ns
tML
MCLK Low
25
ns
tRES
RESET Low
10
ns
tRS
DIN Setup Time
5
MCLKS
To
RESET Rising Edge1
tRH
DIN Setup Time
5
MCLKS
To
RESET Rising Edge1
SERIAL PORT
tCH
DCLK High
2
20
ns
tCL
DCLK Low
2
20
ns
tFD
DFS Delay
5
ns
From DCLK Rising Edge
3
tFS
DFS Setup Time
5
ns
To DCLK Falling Edge
tFH
DFS Hold Time
15
ns
From DCLK Falling Edge
tDD
DOUT Delay
30
ns
From DCLK Rising Edge
tDS
DIN Setup Time
5
ns
To DCLK Falling Edge
tDH
DIN Hold Time
15
ns
From DCLK Falling Edge
tDT
DOUT Three-State
40
ns
From DCLK Rising Edge
4
NOTES
1Determines Master/Slave mode operation.
2Applies in Slave mode only.
3Applies in Master mode only.
4Applies in Multiframe-Sync mode only.
MCLK
tMH
RESET
tML
tRES
tRS
tRH
DIN
Figure 1. MCLK and
RESET Timing
MSB
MSB–1
tFS
DFS
DCLK
DIN
DOUT
MSB
MSB–2
MSB–1
MSB–2
tFH
tFD
tDD
tCH
tCL
tDS
tDH
Figure 2. Serial Port Timing
100 A
IOL
100 A
IOH
CL
50pF
TO OUTPUT
PIN
DVDD1
2
Figure 3. Load Circuit for Digital Output Timing Specifications


Similar Part No. - AD74111_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Similar Description - AD74111_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
   High Performance and Low Power Mono Audio CODEC
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
[Old version datasheet]   Automotive, Low-Power, 96-kHz, Mono Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com