Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4302-4 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4302-4
Description  Active RF Splitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4302-4 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4302-4_15 Datasheet HTML 4Page - Analog Devices ADA4302-4_15 Datasheet HTML 5Page - Analog Devices ADA4302-4_15 Datasheet HTML 6Page - Analog Devices ADA4302-4_15 Datasheet HTML 7Page - Analog Devices ADA4302-4_15 Datasheet HTML 8Page - Analog Devices ADA4302-4_15 Datasheet HTML 9Page - Analog Devices ADA4302-4_15 Datasheet HTML 10Page - Analog Devices ADA4302-4_15 Datasheet HTML 11Page - Analog Devices ADA4302-4_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADA4302-4
Rev. B | Page 11 of 12
OUTLINE DIMENSIONS
1
20
5
6
11
16
15
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BCS SQ
4.00
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
PIN 1
INDICATOR
Figure 18. 20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-20-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Ordering Quantity
Temperature Range
Package Description
Package Option
ADA4302-4ACP-REEL
5,000
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
ADA4302-4ACP-RL7
1,500
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
ADA4302-4ACPZ-RL1
5,000
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
ADA4302-4ACPZ-RL71
1,500
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
ADA4302-4ACPZ-R21
250
−40°C to +85°C
20-Lead LFCSP_VQ
CP-20-1
ADA4302-4ACPZ-EBSE2
1
Single-Ended Evaluation Board
ADA4302-4ACPZ-EBDI2
1
Differential Output Evaluation Board
1 Z = Pb-free part.
2 Evaluation board contains Pb-free part.


Similar Part No. - ADA4302-4_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4302-4ACP-REEL AD-ADA4302-4ACP-REEL Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACP-RL7 AD-ADA4302-4ACP-RL7 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-EBDI AD-ADA4302-4ACPZ-EBDI Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-EBSE AD-ADA4302-4ACPZ-EBSE Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-R2 AD-ADA4302-4ACPZ-R2 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
More results

Similar Description - ADA4302-4_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
   Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
ADA4303-2 AD-ADA4303-2 Datasheet
268Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-2 AD-ADA4304-2 Datasheet
411Kb / 12P
   1:2 Single-Ended, Low Cost, Active RF Splitter
REV. 0
logo
ANADIGICS, Inc
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
   Six-way Active Power Splitter
logo
American Accurate Compo...
SPL0111 AAC-SPL0111 Datasheet
209Kb / 2P
   RF Power Splitter
logo
Pulse A Technitrol Comp...
C4020NL PULSE-C4020NL Datasheet
81Kb / 2P
   RF DIFFERENTIAL SPLITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com