Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4310-1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4310-1
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310-1 Datasheet(HTML) 4 Page - Analog Devices

  ADA4310-1_15 Datasheet HTML 1Page - Analog Devices ADA4310-1_15 Datasheet HTML 2Page - Analog Devices ADA4310-1_15 Datasheet HTML 3Page - Analog Devices ADA4310-1_15 Datasheet HTML 4Page - Analog Devices ADA4310-1_15 Datasheet HTML 5Page - Analog Devices ADA4310-1_15 Datasheet HTML 6Page - Analog Devices ADA4310-1_15 Datasheet HTML 7Page - Analog Devices ADA4310-1_15 Datasheet HTML 8Page - Analog Devices ADA4310-1_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADA4310-1
Rev. A | Page 3 of 16
SPECIFICATIONS
VS = 12 V, ±6 V (@ TA = 25°C, G = +5, RL = 100 Ω, unless otherwise noted).
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +5, V
OUT = 0.1 V p-p, PD1 = 0, PD0 = 0
190
MHz
PD1 = 0, PD0 = 1
140
MHz
PD1 = 1, PD0 = 0
100
MHz
Slew Rate
G = +5, V
OUT = 2 V p-p, RLOAD = 50 Ω, PD1 = 0, PD0 = 0
820
V/µs
PD1 = 0, PD0 = 1
790
V/µs
PD1 = 1, PD0 = 0
750
V/µs
NOISE/DISTORTION PERFORMANCE
Distortion (Worst Harmonic)
f
C = 1 MHz, VOUT = 2 V p-p, RLOAD = 50 Ω
PD1 = 0, PD0 = 0
−95
dBc
PD1 = 0, PD0 = 1
−88
dBc
PD1 = 1, PD0 = 0
−77
dBc
f
C = 10 MHz, VOUT = 2 V p-p, RLOAD = 50 Ω
PD1 = 0, PD0 = 0
−69
dBc
PD1 = 0, PD0 = 1
−57
dBc
PD1 = 1, PD0 = 0
−47
dBc
f
C = 20 MHz, VOUT = 2 V p-p, RLOAD = 50 Ω
PD1 = 0, PD0 = 0
−50
dBc
PD1 = 0, PD0 = 1
−42
dBc
PD1 = 1, PD0 = 0
−35
dBc
Input Voltage Noise
f = 100 kHz
2.85
nV/√Hz
Input Current Noise
f = 100 kHz
21.8
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
1
mV
Input Bias Current
Noninverting Input
−2
µA
Inverting Input
6
µA
Open-Loop Transimpedance
R
LOAD = 50 Ω
14
MΩ
R
LOAD = 100 Ω
35
MΩ
Common-Mode Rejection
−62
dB
INPUT CHARACTERISTICS
Input Resistance
f < 100 kHz
500
kΩ
OUTPUT CHARACTERISTICS
Single-Ended +Swing
R
LOAD = 50 Ω
+5.08
V
P
Single-Ended −Swing
R
LOAD = 50 Ω
−5.12
V
P
Single-Ended +Swing
R
LOAD = 100 Ω
+5.14
V
P
Single-Ended −Swing
R
LOAD = 100 Ω
−5.17
V
P
Differential Swing
R
LOAD = 100 Ω
20.4
V p-p
POWER SUPPLY
Operating Range (Dual Supply)
±2.5
±6
V
Operating Range (Single Supply)
+5
+12
V
Supply Current
PD1 = 0, PD0 = 0
7.6
mA/amp
PD1 = 0, PD0 = 1
5.6
mA/amp
PD1 = 1, PD0 = 0
3.9
mA/amp
PD1 = 1, PD0 = 1
0.65
mA/amp


Similar Part No. - ADA4310-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
More results

Similar Description - ADA4310-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
   Low Cost, Dual, High Current Output Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
AD8398 AD-AD8398_15 Datasheet
95Kb / 2P
   VDSL, Dual Line Driver with Shutdown
Rev. Sp0
AD8398 AD-AD8398 Datasheet
86Kb / 2P
   VDSL, Dual Line Driver with Shutdown
Rev. Sp0
logo
Linear Technology
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com