Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4417-3 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4417-3
Description  Integrated Triple Video Filter for High Definition Video
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3 Datasheet(HTML) 5 Page - Analog Devices

  ADA4417-3_15 Datasheet HTML 1Page - Analog Devices ADA4417-3_15 Datasheet HTML 2Page - Analog Devices ADA4417-3_15 Datasheet HTML 3Page - Analog Devices ADA4417-3_15 Datasheet HTML 4Page - Analog Devices ADA4417-3_15 Datasheet HTML 5Page - Analog Devices ADA4417-3_15 Datasheet HTML 6Page - Analog Devices ADA4417-3_15 Datasheet HTML 7Page - Analog Devices ADA4417-3_15 Datasheet HTML 8Page - Analog Devices ADA4417-3_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADA4417-3
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
5.5 V
Power Dissipation
See Figure 2
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA
Unit
10-Lead MSOP
130
°C/W
Maximum Power Dissipation
The maximum safe power dissipation in the ADA4417-3
package is limited by the associated rise in junction temperature
(TJ) on the die. At approximately 150°C, which is the glass
transition temperature, the plastic changes its properties. Even
temporarily exceeding this temperature limit can change the
stresses that the package exerts on the die, permanently shifting
the parametric performance of the ADA4417-3. Exceeding a
junction temperature of 175°C for an extended period can
result in changes in the silicon devices potentially causing
failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the supply voltage (VS) times the quiescent current (IS).
Assuming the load (RL) is midsupply, then the total drive power is
VS/2 × IOUT
some of which is dissipated in the package and some in the load
(VOUT × IOUT).
RMS output voltages should be considered. If RL is referenced to
GND, the total power is VS × IOUT.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduce the θJA.
Figure 2 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 10-lead MSOP
(130°C/W) on a JEDEC standard 4-layer board. θJA values are
approximate.
2.0
1.5
1.0
0.5
0
–40 –30 –20 –10
0
1020304050607080
AMBIENT TEMPERATURE (°C)
Figure 2. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADA4417-3_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3ARMZ AD-ADA4417-3ARMZ Datasheet
454Kb / 16P
   Integrated Triple Video Filter for High Definition Video
REV. 0
ADA4417-3ARMZ-R7 AD-ADA4417-3ARMZ-R7 Datasheet
454Kb / 16P
   Integrated Triple Video Filter for High Definition Video
REV. 0
ADA4417-3ARMZ-RL AD-ADA4417-3ARMZ-RL Datasheet
454Kb / 16P
   Integrated Triple Video Filter for High Definition Video
REV. 0
More results

Similar Description - ADA4417-3_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
   Integrated Triple Video Filter for High Definition Video
REV. 0
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
   Definition Video Filter Driver
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
logo
SG Micro Corp
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
   Definition Video Filter Driver
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Analog Devices
ADA4412-3 AD-ADA4412-3_15 Datasheet
385Kb / 16P
   Integrated Triple Video Filter with Selectable
REV. 0
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
   Three-Channel, High-Definition Video Filter
Rev 0; 1/08
logo
STMicroelectronics
TSH346 STMICROELECTRONICS-TSH346 Datasheet
380Kb / 18P
   Triple video buffer/filter for HD video applications
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
   Triple video buffer with filter for SD video
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com