Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP1N120CND Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTP1N120CND
Description  6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP1N120CND Datasheet(HTML) 3 Page - Intersil Corporation

  HGTP1N120CND Datasheet HTML 1Page - Intersil Corporation HGTP1N120CND Datasheet HTML 2Page - Intersil Corporation HGTP1N120CND Datasheet HTML 3Page - Intersil Corporation HGTP1N120CND Datasheet HTML 4Page - Intersil Corporation HGTP1N120CND Datasheet HTML 5Page - Intersil Corporation HGTP1N120CND Datasheet HTML 6Page - Intersil Corporation HGTP1N120CND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 150
oC,
ICE = 1.0 A, VCE = 0.8 BVCES,
VGE = 15V, RG = 82Ω, L = 4mH,
Test Circuit (Figure 20)
-13
20
ns
Current Rise Time
trI
-11
18
ns
Current Turn-Off Delay Time
td(OFF)I
-
75
100
ns
Current Fall Time
tfI
-
465
625
ns
Turn-On Energy (Note 3)
EON
-
385
460
J
Turn-Off Energy (Note 3)
EOFF
-
200
225
J
Diode Forward Voltage
VEC
IEC = 1A
-
1.3
1.8
V
Diode Reverse Recovery Time
trr
IEC = 1A, dIEC/dt = 200A/µs-
-
50
ns
Thermal Resistance Junction To Case
RθJC
IGBT
-
-
2.1
oC/W
Diode
-
-
3
oC/W
NOTE:
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss. Turn-on losses include losses due to
diode recovery.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
TC, CASE TEMPERATURE (
oC)
50
0
4
5
1
25
75
100
125
150
3
2
6
7
VGE = 15V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
1400
3
0
1
2
600
800
400
200
1000
1200
0
4
6
5
7
TJ = 150
oC, R
G = 82Ω, VGE = 15V, L = 2mH
0.5
ICE, COLLECTOR TO EMITTER CURRENT (A)
5
10
2.0
1.0
100
3.0
200
300
fMAX1 = 0.05 / (td(OFF)I + td(ON)I)
RθJC = 2.1
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 = (PD - PC) / (EON + EOFF)
TJ = 150
oC, R
G = 82Ω, L = 4mH, VCE = 960V
TC
VGE
110oC 13V
15V
15V
75oC
110oC
75oC 13V
VGE, GATE TO EMITTER VOLTAGE (V)
13
14
15
10
12
14
16
18
20
10
12
14
16
18
20
VCE = 840V, RG = 82Ω, TJ = 125
oC
tSC
ISC
HGTP1N120CND, HGT1S1N120CNDS


Similar Part No. - HGTP1N120CND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP1N120CN INTERSIL-HGTP1N120CN Datasheet
77Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT
January 2000
More results

Similar Description - HGTP1N120CND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com