Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S1N120CNDS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGT1S1N120CNDS
Description  6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S1N120CNDS Datasheet(HTML) 1 Page - Intersil Corporation

  HGT1S1N120CNDS Datasheet HTML 1Page - Intersil Corporation HGT1S1N120CNDS Datasheet HTML 2Page - Intersil Corporation HGT1S1N120CNDS Datasheet HTML 3Page - Intersil Corporation HGT1S1N120CNDS Datasheet HTML 4Page - Intersil Corporation HGT1S1N120CNDS Datasheet HTML 5Page - Intersil Corporation HGT1S1N120CNDS Datasheet HTML 6Page - Intersil Corporation HGT1S1N120CNDS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
HGTP1N120CND, HGT1S1N120CNDS
6.2A, 1200V, NPT Series N-Channel IGBT
with Anti-Parallel Hyperfast Diode
The HGTP1N120CND and the HGT1S1N120CNDS are
Non-Punch Through (NPT) IGBT designs. They are new
members of the MOS gated high voltage switching IGBT
family. IGBTs combine the best features of MOSFETs and
bipolar transistors. This device has the high input impedance
of a MOSFET and the low on-state conduction loss of a
bipolar transistor.
The IGBT is development type number TA49317. The diode
used in anti-parallel with the IGBT is the RHRD4120
(TA49056).
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly developmental type TA49315.
Symbol
Features
• 6.2A, 1200V, TC = 25
oC
• 1200V Switching SOA Capability
• Typical EOFF. . . . . . . . . . . . . . . . . . . 200µJ at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
• Temperature Compensating SABER™ Model
Thermal Impedance SPICE Model www.intersil.com/
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Packaging
JEDEC TO-220AB
JEDEC TO-263AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTP1N120CND
TO-220AB
1N120CND
HGT1S1N120CNDS
TO-263AB
1N120CND
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB in tape and reel, e.g.
HGT1S1N120CNDS9A.
C
E
G
E
C
G
COLLECTOR
(FLANGE)
COLLECTOR
(FLANGE)
E
G
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000
File Number
4651.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
SABER™ is a trademark of Analogy, Inc.


Similar Part No. - HGT1S1N120CNDS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S1N120BNDS INTERSIL-HGT1S1N120BNDS Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGT1S1N120CNDS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com