Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S20N35G3VL Datasheet(PDF) 6 Page - Intersil Corporation

Part # HGT1S20N35G3VL
Description  20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S20N35G3VL Datasheet(HTML) 6 Page - Intersil Corporation

  HGT1S20N35G3VL Datasheet HTML 1Page - Intersil Corporation HGT1S20N35G3VL Datasheet HTML 2Page - Intersil Corporation HGT1S20N35G3VL Datasheet HTML 3Page - Intersil Corporation HGT1S20N35G3VL Datasheet HTML 4Page - Intersil Corporation HGT1S20N35G3VL Datasheet HTML 5Page - Intersil Corporation HGT1S20N35G3VL Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3-71
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HGTP20N35G3VL, HGT1S20N35G3VL, HGT1S20N35G3VLS
Spec Number


Similar Part No. - HGT1S20N35G3VL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N35G3VL FAIRCHILD-HGT1S20N35G3VL Datasheet
209Kb / 8P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
HGT1S20N35G3VLS FAIRCHILD-HGT1S20N35G3VLS Datasheet
209Kb / 8P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
More results

Similar Description - HGT1S20N35G3VL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP20N35G3VL FAIRCHILD-HGTP20N35G3VL Datasheet
209Kb / 8P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
HGT1S20N36G3VL FAIRCHILD-HGT1S20N36G3VL Datasheet
256Kb / 7P
   20A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N36G3VL FAIRCHILD-HGTP14N36G3VL Datasheet
224Kb / 8P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N36G3VL INTERSIL-HGTP14N36G3VL Datasheet
110Kb / 6P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
June 1995
logo
Fairchild Semiconductor
HGT1S14N37G3VLS FAIRCHILD-HGT1S14N37G3VLS Datasheet
159Kb / 6P
   14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N41G3VLS FAIRCHILD-HGTP14N41G3VLS Datasheet
193Kb / 6P
   14A, 410V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N40F3VL INTERSIL-HGTP14N40F3VL Datasheet
85Kb / 5P
   14A, 400V N-Channel, Logic Level Voltage Clamping IGBT
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com