Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTB1615SURKCGKC-F01 Datasheet(PDF) 6 Page - Kingbright Corporation

Part # APTB1615SURKCGKC-F01
Description  1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1615SURKCGKC-F01 Datasheet(HTML) 6 Page - Kingbright Corporation

  APTB1615SURKCGKC-F01_15 Datasheet HTML 1Page - Kingbright Corporation APTB1615SURKCGKC-F01_15 Datasheet HTML 2Page - Kingbright Corporation APTB1615SURKCGKC-F01_15 Datasheet HTML 3Page - Kingbright Corporation APTB1615SURKCGKC-F01_15 Datasheet HTML 4Page - Kingbright Corporation APTB1615SURKCGKC-F01_15 Datasheet HTML 5Page - Kingbright Corporation APTB1615SURKCGKC-F01_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPEC NO: DSAF9413
REV NO: V.9A
DATE: JAN/08/2015
PAGE: 6 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203002123
PACKING & LABEL SPECIFICATIONS
APTB1615SURKCGKC-F01
Terms and conditions for the usage of this document
1.The information included in this document reflects representative usage scenarios and is intended
for technical reference only.
2.The part number, type, and specifications mentioned in this document are subject to future change
and improvement without notice. Before production usage customer should refer to the latest
datasheet for the updated specifications.
3.When using the products referenced in this document, please make sure the product is being
operated within the environmental and electrical limits specified in the datasheet. If customer usage
exceeds the specified limits, Kingbright will not be responsible for any subsequent issues.
4.The information in this document applies to typical usage in consumer electronics applications.
If customer's application has special reliability requirements or have life-threatening liabilities,
such as automotive or medical usage, please consult with Kingbright representative for further
assistance.
5.The contents and information of this document may not be reproduced or re-transmitted without
permission by Kingbright.
6.All design applications should refer to Kingbright application notes available at
http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - APTB1615SURKCGKC-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTB1615SURKCGKC-F01 KINGBRIGHT-APTB1615SURKCGKC-F01 Datasheet
326Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615SURKCGKC-F01 TO-GRACE-APTB1615SURKCGKC-F01 Datasheet
956Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
More results

Similar Description - APTB1615SURKCGKC-F01_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTB1615YSGC-F01 KINGBRIGHT-APTB1615YSGC-F01 Datasheet
342Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615EYC-F01 TO-GRACE-APTB1615EYC-F01 Datasheet
1Mb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1615EYC-F01 KINGBRIGHT-APTB1615EYC-F01 Datasheet
163Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SURKSGC-F01 KINGBRIGHT-APTB1615SURKSGC-F01 Datasheet
156Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SYKQBDW KINGBRIGHT-APTB1615SYKQBDW Datasheet
295Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA59W-1 SUNLED-ZMDKBBA59W-1 Datasheet
219Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1615ESGC-F01 KINGBRIGHT-APTB1615ESGC-F01_15 Datasheet
256Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SYKCGKC-F01 KINGBRIGHT-APTB1615SYKCGKC-F01_15 Datasheet
255Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZURMG59W-1 SUNLED-ZURMG59W-1 Datasheet
214Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1615SURKCGKC-F01 KINGBRIGHT-APTB1615SURKCGKC-F01 Datasheet
326Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SYKCGKC-F01 KINGBRIGHT-APTB1615SYKCGKC-F01 Datasheet
342Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com