Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP3A10HD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP3A10HD
Description  T-1 (3mm) SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP3A10HD Datasheet(HTML) 1 Page - Kingbright Corporation

  WP3A10HD_15 Datasheet HTML 1Page - Kingbright Corporation WP3A10HD_15 Datasheet HTML 2Page - Kingbright Corporation WP3A10HD_15 Datasheet HTML 3Page - Kingbright Corporation WP3A10HD_15 Datasheet HTML 4Page - Kingbright Corporation WP3A10HD_15 Datasheet HTML 5Page - Kingbright Corporation WP3A10HD_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAL0486
REV NO: V.4B
DATE: JAN/16/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1101029017
T-1 (3mm) SOLID STATE LAMP
Part Number: WP3A10HD
Bright Red
Features
Low power consumption.
Popular T-1 diameter package.
General purpose leads.
Reliable and rugged.
Long life - solid state reliability.
Available on tape and reel.
RoHS compliant.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Similar Part No. - WP3A10HD_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP3A10HD KINGBRIGHT-WP3A10HD Datasheet
318Kb / 5P
   T-1 (3mm) Solid State Lamp
More results

Similar Description - WP3A10HD_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GT KINGBRIGHT-WP710A10GT_15 Datasheet
323Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10LSRD KINGBRIGHT-WP710A10LSRD_15 Datasheet
317Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10ND KINGBRIGHT-WP710A10ND_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP7104PBD-A KINGBRIGHT-WP7104PBD-A Datasheet
149Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
WP7104SRD14V KINGBRIGHT-WP7104SRD14V Datasheet
402Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com