Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUN07A60F Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUN07A60F
Description  New Generation N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUN07A60F Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUN07A60F Datasheet HTML 1Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 2Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 3Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 4Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 5Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 6Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 7Page - KODENSHI_AUK CORP. SUN07A60F Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. date: 10-JUL-14
KSD-T0O155-000
www.auk.co.kr
1 of 8
SUN07A60F
New Generation N-Ch Power MOSFET
HIGH SPEED SWITCHING APPLICATION
Features
 Low drain-source On resistance: RDS(on)=1.05Ω (Typ.)
 Low gate charge: Qg=21nC (Typ.)
 Low reverse transfer capacitance: Crss=5pF (Typ.)
 Lower EMI noise
 RoHS compliant device
 100% avalanche tested
Ordering Information
Part Number
Marking
Package
SUN07A60F
SUN07A60
TO-220F-3L
Marking Information
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
30
V
Drain current (DC) *
ID
Tc=25C
7
A
Tc=100C
4.43
A
Drain current (Pulsed) *
IDM
28
A
Single avalanche energy (Note 2)
EAS
93.5
mJ
Repetitive avalanche current (Note 1)
IAR
7
A
Repetitive avalanche energy (Note 1)
EAR
3.2
mJ
Power dissipation
PD
32
W
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
C
* Limited only maximum junction temperature
TO-220F-3L
G D S
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB20D45
AUK
◎△YMDD□
SUN07A60
Column 1: Manufacturer
Column 2: Production Information
e.g.)
△YMDD
-. : Option Code
-.
△: Factory Management Code
-. YMDD: Date Code (Year, Month, Daily)
-. □: Package Option Code
Column 3: Device Code


Similar Part No. - SUN07A60F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUN07A65F KODENSHI-SUN07A65F Datasheet
425Kb / 8P
   New Generation N-Ch Power MOSFET
More results

Similar Description - SUN07A60F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUN04A60F KODENSHI-SUN04A60F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
SUN04A65IS KODENSHI-SUN04A65IS Datasheet
480Kb / 8P
   New Generation N-Ch Power MOSFET
SUN08A70F KODENSHI-SUN08A70F Datasheet
554Kb / 8P
   New Generation N-Ch Power MOSFET
SUN09A65F KODENSHI-SUN09A65F Datasheet
570Kb / 8P
   New Generation N-Ch Power MOSFET
SUN07A65F KODENSHI-SUN07A65F Datasheet
425Kb / 8P
   New Generation N-Ch Power MOSFET
SUN02A60F KODENSHI-SUN02A60F Datasheet
538Kb / 8P
   New Generation N-Ch Power MOSFET
SUN12A65F KODENSHI-SUN12A65F Datasheet
425Kb / 8P
   New Generation N-Ch Power MOSFET
SUN04A65F KODENSHI-SUN04A65F Datasheet
470Kb / 8P
   New Generation N-Ch Power MOSFET
SUN12A60F KODENSHI-SUN12A60F Datasheet
425Kb / 8P
   New Generation N-Ch Power MOSFET
SUN10A60F KODENSHI-SUN10A60F Datasheet
476Kb / 8P
   New Generation N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com