Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP36BYD Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP36BYD
Description  T-1 (3mm) BLINKING LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP36BYD Datasheet(HTML) 4 Page - Kingbright Corporation

  WP36BYD_15 Datasheet HTML 1Page - Kingbright Corporation WP36BYD_15 Datasheet HTML 2Page - Kingbright Corporation WP36BYD_15 Datasheet HTML 3Page - Kingbright Corporation WP36BYD_15 Datasheet HTML 4Page - Kingbright Corporation WP36BYD_15 Datasheet HTML 5Page - Kingbright Corporation WP36BYD_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAF2691
REV NO: V.7B
DATE: JAN/26/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1101003804
PACKING & LABEL SPECIFICATIONS
WP36BYD
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - WP36BYD_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
More results

Similar Description - WP36BYD_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
L-36BID KINGBRIGHT-L-36BID Datasheet
55Kb / 3P
   T-1 (3mm) BLINKING LED LAMP
logo
SunLED Corporation
BMR34D SUNLED-BMR34D Datasheet
180Kb / 4P
   T-1 (3mm) BLINKING LED LAMP
BUY34D SUNLED-BUY34D Datasheet
180Kb / 4P
   T-1 (3mm) BLINKING LED LAMP
logo
Kingbright Corporation
WP36BGD KINGBRIGHT-WP36BGD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
WP36BID KINGBRIGHT-WP36BID Datasheet
391Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
logo
SunLED Corporation
BUG34D SUNLED-BUG34D Datasheet
180Kb / 4P
   T-1 (3mm) BLINKING LED LAMP
BUR34D SUNLED-BUR34D Datasheet
180Kb / 4P
   T-1 (3mm) BLINKING LED LAMP
logo
Kingbright Corporation
WP36BHD KINGBRIGHT-WP36BHD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
WP36BSRD-B KINGBRIGHT-WP36BSRD-B Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
WP36BHD KINGBRIGHT-WP36BHD_15 Datasheet
308Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com