Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S3N60B3DS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGT1S3N60B3DS
Description  7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S3N60B3DS Datasheet(HTML) 1 Page - Intersil Corporation

  HGT1S3N60B3DS Datasheet HTML 1Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 2Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 3Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 4Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 5Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 6Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
4414.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
HGTP3N60B3D, HGT1S3N60B3DS
7A, 600V, UFS Series N-Channel IGBT with
Anti-Parallel Hyperfast Diode
The HGTP3N60B3D and HGT1S3N60B3DS are MOS gated
high voltage switching devices combining the best features
of MOSFETs and bipolar transistors. These devices have
the high input impedance of a MOSFET and the low on-state
conduction loss of a bipolar transistor. The much lower on-
state voltage drop varies only moderately between 25oC and
150oC. The diode used in anti-parallel with the IGBT is the
RHRD460. The IGBT used is TA49192.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly Developmental Type TA49193.
Symbol
Features
• 7A, 600V TC = 25
oC
• 600V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . 115ns at TJ = 125
oC
• Short Circuit Rating
• Low Conduction Loss
• Hyperfast Anti-Parallel Diode
• Related Literature
• TB334 “Guidelines for Soldering Surface Mount
- Components to PC Boards
Packaging
JEDEC TO-220AB
TO-263, TO-263AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTP3N60B3D
TO-220AB
G3N60B3D
HGT1S3N60B3DS
TO-263AB
G3N60B3D
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in tape and reel, i.e.,
HGT1S3N60B3DS9A.
C
E
G
C
E
G
COLLECTOR
(FLANGE)
G
E
COLLECTOR
(FLANGE)
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000


Similar Part No. - HGT1S3N60B3DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S3N60B3S INTERSIL-HGT1S3N60B3S Datasheet
141Kb / 7P
   7A, 600V, UFS Series N-Channel IGBTs
January 2000
More results

Similar Description - HGT1S3N60B3DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60B3D FAIRCHILD-HGTG20N60B3D Datasheet
179Kb / 7P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
   24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com