Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW3372E-H Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SW3372E-H
Description  LAMP LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SW3372E-H Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SW3372E-H Datasheet HTML 1Page - KODENSHI_AUK CORP. SW3372E-H Datasheet HTML 2Page - KODENSHI_AUK CORP. SW3372E-H Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUK CORP.
SW3372E-H / SW3372E-H(B)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
2
1
2
1
2.80~3.20
2 . 7 0 ~ 3 . 1 0
5 . 1 0 ~ 5 . 5 0
2 3 . 0 0
M i n .
0 . 7 0
M a x .
1 . 0 0
M i n .
2 . 5 4 T y p .
3 . 5 0 ~ 3 . 9 0
3 . 6 0 ~ 4 . 0 0
2.80~3.20
2 . 7 0 ~ 3 . 1 0
5 . 1 0 ~ 5 . 5 0
4 . 7 0 ~ 5 . 7 0
2 3 . 0 0
M i n .
1 . 0 0
M i n .
2 . 5 4 T y p .
3 . 5 0 ~ 3 . 9 0
3 . 6 0 ~ 4 . 0 0
1 . 2 0
M i n .
0 . 7 0
M a x .
1. Features
◆ Colorless transparency lens type
φ3mm(T-1) all plastic mold type
◆ White emission color : X=0.23~0.32
Y=0.20~0.37
◆ Viewing angle :
±22o / Super luminosity
◆ E ; ESD Protected (IEC 61000-4-2 ±7V(contact mode))
2. Outline Dimensions
unit : mm
(1)
(2)
STRAIGHT
TYPE
STOPPER
TYPE : (B)
PIN Connections
1. Anode
2. Cathode


Similar Part No. - SW3372E-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SW3372E-H AUK-SW3372E-H Datasheet
228Kb / 5P
   High Brightness White LED Lamp
SW3372E-HB AUK-SW3372E-HB Datasheet
228Kb / 5P
   High Brightness White LED Lamp
More results

Similar Description - SW3372E-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com