Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP115VEYW Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP115VEYW
Description  T-1 (3mm) BI-COLOR INDICATOR LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP115VEYW Datasheet(HTML) 5 Page - Kingbright Corporation

  WP115VEYW_15 Datasheet HTML 1Page - Kingbright Corporation WP115VEYW_15 Datasheet HTML 2Page - Kingbright Corporation WP115VEYW_15 Datasheet HTML 3Page - Kingbright Corporation WP115VEYW_15 Datasheet HTML 4Page - Kingbright Corporation WP115VEYW_15 Datasheet HTML 5Page - Kingbright Corporation WP115VEYW_15 Datasheet HTML 6Page - Kingbright Corporation WP115VEYW_15 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPEC NO: DSAF2635
REV NO: V.6A
DATE: JAN/31/2015
PAGE: 5 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1101000788
PACKING & LABEL SPECIFICATIONS
WP115VEYW
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - WP115VEYW_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP115VEYW KINGBRIGHT-WP115VEYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - WP115VEYW_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP3VEGW KINGBRIGHT-WP3VEGW Datasheet
463Kb / 7P
   T-1(3mm) BI-COLOR INDICATOR LAMP
W115VEGW KINGBRIGHT-W115VEGW Datasheet
177Kb / 3P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR92M SUNLED-LUGR92M Datasheet
214Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
LMDKVG34M SUNLED-LMDKVG34M Datasheet
216Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
107Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
462Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEYW KINGBRIGHT-WP115VEYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VGYW KINGBRIGHT-WP115VGYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115WEYW KINGBRIGHT-WP115WEYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com