Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC24A00 Datasheet(PDF) 4 Page - NEC

Part # UPC24A00
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC24A00 Datasheet(HTML) 4 Page - NEC

  UPC24A00 Datasheet HTML 1Page - NEC UPC24A00 Datasheet HTML 2Page - NEC UPC24A00 Datasheet HTML 3Page - NEC UPC24A00 Datasheet HTML 4Page - NEC UPC24A00 Datasheet HTML 5Page - NEC UPC24A00 Datasheet HTML 6Page - NEC UPC24A00 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet G14632EJ3V0DS00
4
µµµµPC24A00 Series
ELECTRICAL CHARACTERISTICS
µµµµPC24A05 (TJ = 25°°°°C, VIN = 9 V, IO = 1 A, Unless Otherwise Specified)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
4.9
5.0
5.1
V
Output voltage
VO
0
°C ≤ TJ ≤ 125°C,
6 V
≤ VIN ≤ 15 V, 5 mA ≤ IO ≤ 2 A
4.85
5.15
V
Line regulation
REGIN
6 V
≤ VIN ≤ 15 V
6
50
mV
Load regulation
REGL
5 mA
≤ IO ≤ 2 A
3
50
mV
IO = 0 A
3
5.0
mA
Quiescent current
IBIAS
IO = 2 A
15
30
mA
Quiescent current change
∆IBIAS
6 V
≤ VIN ≤ 15 V, IO = 2 A
20
mA
Output noise voltage
Vn
10 Hz
≤ f ≤ 100 kHz
150
µ Vr.m.s.
Ripple rejection
R
⋅R
f = 120 Hz, 6.5 V
≤ VIN ≤ 16.5 V
50
60
dB
Dropout voltage
VDIF
0
°C ≤ TJ ≤ 125°C, IO = 2 A
1.0
V
Short circuit current
IO short
VIN = 15V
1.3
A
Peak output current
IO peak
VIN = 9 V
2.8
3.5
4.2
A
Temperature coefficient of
output voltage
∆VO/∆T0°C ≤ TJ ≤ 125°C, IO = 5 mA
0.5
mV/
°C
µµµµPC24A12 (TJ = 25°°°°C, VIN = 18 V, IO = 1 A, Unless Otherwise Specified)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
11.75
12.0
12.25
V
Output voltage
VO
0
°C ≤ TJ ≤ 125°C,
13 V
≤ VIN ≤ 22 V, 5 mA ≤ IO ≤ 2 A
11.65
12.35
V
Line regulation
REGIN
13 V
≤ VIN ≤ 22 V
12
100
mV
Load regulation
REGL
5 mA
≤ IO ≤ 2 A
6
100
mV
IO = 0 A
3
5.0
mA
Quiescent current
IBIAS
IO = 2 A
15
30
mA
Quiescent current change
∆IBIAS
13 V
≤ VIN ≤ 22 V, IO = 2 A
20
mA
Output noise voltage
Vn
10 Hz
≤ f ≤ 100 kHz
220
µ Vr.m.s.
Ripple rejection
R
⋅R
f = 120 Hz, 13.5 V
≤ VIN ≤ 23.5 V
43
50
dB
Dropout voltage
VDIF
0
°C ≤ TJ ≤ 125°C, IO = 2 A
1.0
V
Short circuit current
IO short
VIN = 15 V
1.4
A
Peak output current
IO peak
VIN = 18 V
2.8
3.5
4.2
A
Temperature coefficient of
output voltage
∆VO/∆T0°C ≤ TJ ≤ 125°C, IO = 5 mA
1.0
mV/
°C


Similar Part No. - UPC24A00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC24A00 RENESAS-UPC24A00 Datasheet
302Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC24A00

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com