Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3400A Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3400A
Description  N-Channel enhancement mode field effect transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3400A Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3400A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3400A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3400A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3400A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
N-Channel MOSFET
AO3400A (KO3400A)
Typical Characterisitics
5
2
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
15
20
25
30
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=4.5V
ID=5A
VGS=10V
ID=5.7A
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=2V
3V
4.5V
10V
2.5V
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
15
20
25
30
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=4.5V
ID=5A
VGS=10V
ID=5.7A
10
20
30
40
50
0
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=5.7A
25°C
125°C
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=2V
3V
4.5V
10V
2.5V


Similar Part No. - AO3400A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO3400A ALPHA-AO3400A Datasheet
279Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3400A AOSMD-AO3400A Datasheet
476Kb / 5P
   30V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
AO3400A KERSEMI-AO3400A Datasheet
753Kb / 5P
   30V N-Channel MOSFET
logo
Shanghai Leiditech Elec...
AO3400A LEIDITECH-AO3400A Datasheet
914Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
logo
Guangdong Youtai Semico...
AO3400A UMW-AO3400A Datasheet
1Mb / 5P
   N-Channel Enhancement Mode
More results

Similar Description - AO3400A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com