Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-1828A-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI3-1828A-5
Description  Low Resistance, Single 8-Channel, and Differential 4-Channel, CMOS Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-1828A-5 Datasheet(HTML) 7 Page - Intersil Corporation

  HI3-1828A-5 Datasheet HTML 1Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 2Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 3Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 4Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 5Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 6Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 7Page - Intersil Corporation HI3-1828A-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FN3141.4
November 19, 2004
Die Characteristics
METALLIZATION:
Type: CuAl
Thickness: 16k
Å ±2kÅ
PASSIVATION:
Type: Nitride/Silox
Thickness: Silox: 12k
Å ±2kÅ, Nitride: 3.5kÅ ±1kÅ
WORST CASE CURRENT DENSITY:
1.43 x 105 A/cm2 at 25mA
Metallization Mask Layout
HI-1818A
VL
A1
A0
-VSUPPLY
+VSUPPLY
IN 1
OUTPUT
IN 2
IN 3
IN 4
IN 5
IN 6
IN 7
IN 8
A2
EN
HI-1818A


Similar Part No. - HI3-1828A-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0200-5 INTERSIL-HI3-0200-5 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
HI3-0200-5Z INTERSIL-HI3-0200-5Z Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI3-0200-5Z RENESAS-HI3-0200-5Z Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Intersil Corporation
HI3-0201-5 INTERSIL-HI3-0201-5 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Maxim Integrated Produc...
HI3-0201-5 MAXIM-HI3-0201-5 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
More results

Similar Description - HI3-1828A-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com