Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI9P0301-5 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI9P0301-5
Description  CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P0301-5 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI9P0301-5 Datasheet HTML 3Page - Intersil Corporation HI9P0301-5 Datasheet HTML 4Page - Intersil Corporation HI9P0301-5 Datasheet HTML 5Page - Intersil Corporation HI9P0301-5 Datasheet HTML 6Page - Intersil Corporation HI9P0301-5 Datasheet HTML 7Page - Intersil Corporation HI9P0301-5 Datasheet HTML 8Page - Intersil Corporation HI9P0301-5 Datasheet HTML 9Page - Intersil Corporation HI9P0301-5 Datasheet HTML 10Page - Intersil Corporation HI9P0301-5 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
HI-301 thru HI-307
Ceramic Dual-In-Line Frit Seal Packages (CERDIP)
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark.
2. The maximum limits of lead dimensions b and c or M shall be
measured at the centroid of the finished lead surfaces, when
solder dip or tin plate lead finish is applied.
3. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness.
4. Corner leads (1, N, N/2, and N/2+1) may be configured with a
partial lead paddle. For this configuration dimension b3 replaces
dimension b2.
5. This dimension allows for off-center lid, meniscus, and glass
overrun.
6. Dimension Q shall be measured from the seating plane to the
base plane.
7. Measure dimension S1 at all four corners.
8. N is the maximum number of terminal positions.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
bbb
C A - B
S
c
Q
L
A
SEATING
BASE
D
PLANE
PLANE
-D-
-A-
-C-
-B-
α
D
E
S1
b2
b
A
e
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
eA/2
A
M
S
S
ccc
C A - B
M
D
S
S
aaa
C A - B
M
D
S
S
eA
F14.3 MIL-STD-1835 GDIP1-T14 (D-1, CONFIGURATION A)
14 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.200
-
5.08
-
b
0.014
0.026
0.36
0.66
2
b1
0.014
0.023
0.36
0.58
3
b2
0.045
0.065
1.14
1.65
-
b3
0.023
0.045
0.58
1.14
4
c
0.008
0.018
0.20
0.46
2
c1
0.008
0.015
0.20
0.38
3
D
-
0.785
-
19.94
5
E
0.220
0.310
5.59
7.87
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
-
eA/2
0.150 BSC
3.81 BSC
-
L
0.125
0.200
3.18
5.08
-
Q
0.015
0.060
0.38
1.52
6
S1
0.005
-
0.13
-
7
α
90o
105o
90o
105o
-
aaa
-
0.015
-
0.38
-
bbb
-
0.030
-
0.76
-
ccc
-
0.010
-
0.25
-
M
-
0.0015
-
0.038
2, 3
N14
14
8
Rev. 0 4/94


Similar Part No. - HI9P0301-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P0303-9 INTERSIL-HI9P0303-9 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
HI9P0303-9Z INTERSIL-HI9P0303-9Z Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
More results

Similar Description - HI9P0301-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com