Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1944J Datasheet(PDF) 4 Page - NEC

Part # UPC1944J
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1944J Datasheet(HTML) 4 Page - NEC

  UPC1944J Datasheet HTML 1Page - NEC UPC1944J Datasheet HTML 2Page - NEC UPC1944J Datasheet HTML 3Page - NEC UPC1944J Datasheet HTML 4Page - NEC UPC1944J Datasheet HTML 5Page - NEC UPC1944J Datasheet HTML 6Page - NEC UPC1944J Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet G10239EJ3V0DS00
4
µµµµ PC1943,1944
TYPICAL CHARACTERISTIC (TA = +25
°°°°C, unless otherwise specified. Nominal)
PT vs TA ( I )
0
100
200
300
400
500
600
25
50
75
100
125
150
PC1944J
µ
PC1944GR
µ
PC1943T,
µ
1944T
260
°C/W
315
°C/W
TA - Operating Ambient Temperature -
°C
PT vs TA ( II )
0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
PC1943T, 1944T
µ
with 16 cm
2
× 0.7 mm
ceramic substrate
TA - Operating Ambient Temperature -
°C
0
20406080
100 120
−20
−20
−40
−10
0
10
20
IK = 10 mA
VKA = VREF
TA - Operating Ambient Temperature -
°C
VREF vs TA
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1.0
2.0
VKA = VREF
VKA - Cathode Voltage - V
IK vs VKA ( I )
0.5
1.0
1.5
0
20
30
40
10
50
VKA = VREF
VKA - Cathode Voltage - V
IK vs VKA (II)
0
−10
−20
−30
−1.0
−0.8
−0.6
−0.4
−0.2
0
VKA = VREF
VKA - Cathode Voltage - V
IK vs VKA (III)


Similar Part No. - UPC1944J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1944J RENESAS-UPC1944J Datasheet
312Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC1944J-A RENESAS-UPC1944J-A Datasheet
312Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC1944J

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com