Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-0307-5 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI1-0307-5
Description  CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0307-5 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI1-0307-5 Datasheet HTML 3Page - Intersil Corporation HI1-0307-5 Datasheet HTML 4Page - Intersil Corporation HI1-0307-5 Datasheet HTML 5Page - Intersil Corporation HI1-0307-5 Datasheet HTML 6Page - Intersil Corporation HI1-0307-5 Datasheet HTML 7Page - Intersil Corporation HI1-0307-5 Datasheet HTML 8Page - Intersil Corporation HI1-0307-5 Datasheet HTML 9Page - Intersil Corporation HI1-0307-5 Datasheet HTML 10Page - Intersil Corporation HI1-0307-5 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 10. OUTPUT ON CAPACITANCE vs DRAIN VOLTAGE
FIGURE 11. DIGITAL INPUT CAPACITANCE vs INPUT VOLTAGE
FIGURE 12. SWITCHING TIME vs TEMPERATURE, HI-301 AND
HI-303
FIGURE 13. SWITCHING TIME vs TEMPERATURE, HI-307
FIGURE 14. SWITCHING TIME vs NEGATIVE SUPPLY
VOLTAGE, HI-301 AND HI-303
FIGURE 15. SWITCHING TIME vs NEGATIVE SUPPLY
VOLTAGE, HI-307
Typical Performance Curves (Continued)
DRAIN VOLTAGE (V)
10
12
14
16
8
6
4
2
0
60
50
40
30
20
INPUT VOLTAGE (V)
10
12
14
16
8
6
4
2
0
16
12
8
4
TRANSITION
TRANSITION (INDETERMINATE
DUE TO ACTIVE INPUT)
HI-301 AND HI-303
HI-307
TEMPERATURE (oC)
65
85
105
125
45
25
5
-35
-55
300
200
100
-15
tON
tOFF
V+ = +15V, V- = -15V
VINH = 4.0V, VINL = 0V
tON
tOFF
TEMPERATURE (oC)
65
85
105
125
45
25
5
-35
-55
300
200
100
-15
V+ = +15V, V- = -15V
VINH = 15V, VINL = 0V
NEGATIVE SUPPLY (V)
10
15
5
0
300
200
100
V+ = +15V, TA = 25
oC
VINH = 4V, VINL = 0V
tON
tOFF
NEGATIVE SUPPLY (V)
10
15
5
0
300
200
100
V+ = +15V, TA = 25
oC
VINH = 15V, VINL = 0V
tON
tOFF
HI-301 thru HI-307


Similar Part No. - HI1-0307-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0303-2 INTERSIL-HI1-0303-2 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
HI1-0303-5 INTERSIL-HI1-0303-5 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
More results

Similar Description - HI1-0307-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com