Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-0539-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI3-0539-5
Description  Precision, 4-Channel, Low-Level, Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0539-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HI3-0539-5 Datasheet HTML 1Page - Intersil Corporation HI3-0539-5 Datasheet HTML 2Page - Intersil Corporation HI3-0539-5 Datasheet HTML 3Page - Intersil Corporation HI3-0539-5 Datasheet HTML 4Page - Intersil Corporation HI3-0539-5 Datasheet HTML 5Page - Intersil Corporation HI3-0539-5 Datasheet HTML 6Page - Intersil Corporation HI3-0539-5 Datasheet HTML 7Page - Intersil Corporation HI3-0539-5 Datasheet HTML 8Page - Intersil Corporation HI3-0539-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
File Number
3149.2
HI-539
Precision, 4-Channel, Low-Level,
Differential Multiplexer
The Intersil HI-539 is a monolithic, 4-Channel, differential
multiplexer. Two digital inputs are provided for channel
selection, plus an Enable input to disconnect all channels.
Performance is guaranteed for each channel over the
voltage range
±10V, but is optimized for low level differential
signals. Leakage current, for example, which varies slightly
with input voltage, has its distribution centered at zero input
volts.
In most monolithic multiplexers, the net differential offset due
to thermal effects becomes significant for low level signals.
This problem is minimized in the HI-539 by symmetrical
placement of critical circuitry with respect to the few heat
producing devices.
Supply voltages are
±15V and power consumption is only
2.5mW.
Features
• Differential Performance, Typical:
-Low
∆rON, 125oC . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5Ω
-Low
∆ID(ON), 125oC . . . . . . . . . . . . . . . . . . . . . . . 0.6nA
-Low
∆ Charge Injection . . . . . . . . . . . . . . . . . . . . 0.1pC
- Low Crosstalk . . . . . . . . . . . . . . . . . . . . . . . . . . . -124dB
• Settling Time,
±0.01% . . . . . . . . . . . . . . . . . . . . . . . 900ns
• Wide Supply Range . . . . . . . . . . . . . . . . . . .
±5V to ±18V
• Break-Before-Make Switching
• No Latch-Up
Applications
• Low Level Data Acquisition
• Precision Instrumentation
• Test Systems
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI1-0539-5
0 to 75
16 Ld CERDIP
F16.3
HI1-0539-8
-55 to 125
16 Ld CERDIP
F16.3
HI3-0539-5
0 to 75
16 Ld PDIP
E16.3
HI4P0539-5
0 to 75
20 Ld PLCC
N20.35
TRUTH TABLE
EN
A1
A0
ON CHANNEL TO
OUT A
OUT B
L
X
X
None
None
HL
L
1A
1B
HLH
2A
2B
HH
L
3A
3B
H
H
H
4A
4B
Pinouts
HI-539
(CERDIP, PDIP)
TOP VIEW
HI-539
(PLCC)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
EN
V-
IN 1A
IN 2A
IN 3A
OUT A
IN 4A
A1
V+
IN 1B
IN 2B
IN 3B
IN 4B
OUT B
GND
19
3
2
20
1
15
16
17
18
14
9
10
11
12
13
4
5
6
7
8
IN 1A
NC
IN 2A
IN 3A
V-
IN 1B
NC
IN 2B
IN 3B
V+
Data Sheet
July 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HI3-0539-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0506-5 INTERSIL-HI3-0506-5 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
logo
Harris Corporation
HI3-0506-5 HARRIS-HI3-0506-5 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI3-0506A-5 INTERSIL-HI3-0506A-5 Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Harris Corporation
HI3-0506A-5 HARRIS-HI3-0506A-5 Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI3-0506A-5 INTERSIL-HI3-0506A-5 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI3-0539-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-539 RENESAS-HI-539 Datasheet
708Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Intersil Corporation
HI-539 INTERSIL-HI-539_03 Datasheet
398Kb / 12P
   Precision, 4-Channel, Low-Level, Differential Multiplexer
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com