Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-7159A Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI-7159A
Description  Microprocessor-Compatible, 5-1/2 Digit A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-7159A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI-7159A Datasheet HTML 6Page - Intersil Corporation HI-7159A Datasheet HTML 7Page - Intersil Corporation HI-7159A Datasheet HTML 8Page - Intersil Corporation HI-7159A Datasheet HTML 9Page - Intersil Corporation HI-7159A Datasheet HTML 10Page - Intersil Corporation HI-7159A Datasheet HTML 11Page - Intersil Corporation HI-7159A Datasheet HTML 12Page - Intersil Corporation HI-7159A Datasheet HTML 13Page - Intersil Corporation HI-7159A Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
It may also be possible to directly program the host’s serial
hardware for operation at nonstandard baud rates, allowing
HI-7159A operation at any arbitrary frequency. For example:
50Hz AC rejection requires a 2MHz clock. At this frequency
the “9600” baud rate becomes 7812.5 baud. The host’s
UART must be programmed with the proper divider to
operate at this baud rate. The data clock (see Figure 2) is
defined as 16 times the baud rate, so the data clock of this
configuration would be 125kHz. The data clock can also be
determined by dividing the oscillator (clock) frequency by the
correct divider from Table 12.
The following equation determines the divider needed to
operate the HI-7159A at any given crystal frequency:
Once determined, the new divider must be written directly to
the Host’s UART. Most PC compatibles use an 8250 UART with
a 1.8432MHz crystal, so the proper divider for the 2MHz
example given above would be 15. Again, these considerations
apply only to Serial Modes 1 and 2. Parallel and Serial Mode 0
communication rates are independent of crystal frequency.
Conversion Time
The conversion time of the HI-7159A is a function of the
crystal frequency and the type of conversion being made.
The conversion times for fCLOCK = 2.4MHz are shown in
Table 13. At other clock frequencies the times may be
calculated from the following formula:
where the constant C is determined from Table 13.
Component Selection
Three external passive components must be chosen for the
HI-7159A: the integrating capacitor (CINT), the integrating
resistor (RINT), and the reference capacitor (CREF). They are
chosen based on the crystal frequency, the reference voltage
(VREF), and the desired integrating current. Figure 8 illustrates
the analog components necessary for the HI-7159A to function.
The reference capacitor and integrating components can
either be selected from Table 14, or calculated from the
following equations.
CREF acts as a voltage source at different times during a
conversion. Its value is determined by two considerations: it
must be small enough to be fully charged from its
discharged state at power-on; yet it also must be large
enough to supply current to the circuit during conversion
without significantly drooping from its initial value. For
2.4MHz operation, a 1
µF capacitor is recommended. The
equation for other frequencies is:
The values of RINT and CINT are selected by choosing the
maximum integration current and the maximum integrator
output voltage swing. The maximum integration current and
voltage swing occurs when VIN = full scale = 2 X VREF. The
recommended integration current for the HI-7159A is
5mA - 10mA. This will help determine the value of RINT,
since:
where VIN = VIN HI - VIN LO = 2 x VREF.
TABLE 12. CRYSTAL DIVIDER RATIOS
BAUD RATE SELECTED
CRYSTAL DIVIDER
“300”
512
“1200”
128
“9600”
16
“19200”
8
TABLE 13. CONVERSION TIMES
CONVERSION TYPE
51/2
COMP
51/2
UNCOMP
41/2
COMP
41/2
UNCOMP
f = 2.4MHz
133ms
66.7ms
33.3ms
16.7ms
C
320,000
160,000
80,000
40,000
f
CLOCK 7159A
()
Divider 7159A
()
--------------------------------------------
f
CRYSTAL Host UART
()
Divider Host UART
()
----------------------------------------------------------------
Data Clock
==
t
CONV
C
f
CLOCK
---------------------
=
TABLE 14. RECOMMENDED COMPONENT VALUES vs
CLOCK FREQUENCY
fCLOCK
RINT
CINT
CREF
2.4MHz
400k
0.01
µF
1.0
µF
1.2MHz
360k
0.022
µF
2.2
µF
600kHz
330k
0.047
µF
4.7
µF
NOTE: CINT MUST be a high quality polypropylene capacitor or
performance may be degraded.
+5V
27
1
VCC
VEE
14
AGND
INT OUT
INT IN
BUF OUT
DGND
RINT
CINT
CREF-
CREF+
CREF
CREF+ GUARD
2
3
4
5
6
7
8
9
12
13
11
10
26
REFERENCE
CAPACITOR
GUARD
RINGS
DGND
AGND
VREF HI
REF LO
VIN HI
VIN LO
-5V
HI-7159A
CREF - GUARD
FIGURE 8. ANALOG COMPONENTS AND INPUTS
XTAL
C
REF
2.5
f
CLOCK
---------------------
=
I
INT
V
IN
R
INT
-------------
so
R
INT
V
IN
I
INT
-----------
,
==
HI-7159A


Similar Part No. - HI-7159A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-7159A RENESAS-HI-7159A Datasheet
703Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
More results

Similar Description - HI-7159A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-7159A RENESAS-HI-7159A Datasheet
703Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com