Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1166Y Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI1166Y
Description  8-Bit 250 MSPS Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1166Y Datasheet(HTML) 4 Page - Intersil Corporation

  HI1166Y Datasheet HTML 1Page - Intersil Corporation HI1166Y Datasheet HTML 2Page - Intersil Corporation HI1166Y Datasheet HTML 3Page - Intersil Corporation HI1166Y Datasheet HTML 4Page - Intersil Corporation HI1166Y Datasheet HTML 5Page - Intersil Corporation HI1166Y Datasheet HTML 6Page - Intersil Corporation HI1166Y Datasheet HTML 7Page - Intersil Corporation HI1166Y Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HI1166Y
Timing Diagram
FIGURE 1.
Pad Descriptions
PAD
NUMBER SYMBOL
I/O
STANDARD
VOLTAGE LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
4, 5
D0, D0
O
ECL
LSB and complementary LSB out-
put.
6, 7
D1, D1
D1 to D6: Data output
D1 to D6: Complementary Data
output
12, 13
D2, D2
14, 15
D3, D3
21, 22
D4, D4
24, 25
D5, D5
31, 32
D6, D6
33, 34
D7, D7
MSB complementary MSB data
output.
2, 3
OR, OR
Overrange and complementary
overrange output.
1
LINV
I
ECL
Polarity selection for LSBs (refer to
the A/D Output Code Table.)
Pulled low when left open.
35
MINV
I
ECL
Polarity selection for MSB (refer to
the A/D Output Code Table).
Pulled low when left open.
N
N + 1
N + 2
N + 1
N
N - 1
10%
90%
TR
TOD
TF
TPW1
TPW0
90%
10%
ANALOG IN
CLK
CLK
DIGITAL OUT
TSD
DVEE
DGND2
DI
DI
10
8
30
R
R
R
R
-1.3V
DVEE
DGND1
LINV
OR
MINV
18
1
33
8
28


Similar Part No. - HI1166Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166-EV INTERSIL-HI1166-EV Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166-EV INTERSIL-HI1166-EV Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166AIL INTERSIL-HI1166AIL Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166AIL INTERSIL-HI1166AIL Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
More results

Similar Description - HI1166Y

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com