Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAV801_15 Datasheet HTML 3Page - Analog Devices ADAV801_15 Datasheet HTML 4Page - Analog Devices ADAV801_15 Datasheet HTML 5Page - Analog Devices ADAV801_15 Datasheet HTML 6Page - Analog Devices ADAV801_15 Datasheet HTML 7Page - Analog Devices ADAV801_15 Datasheet HTML 8Page - Analog Devices ADAV801_15 Datasheet HTML 9Page - Analog Devices ADAV801_15 Datasheet HTML 10Page - Analog Devices ADAV801_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADAV801
Rev. A | Page 7 of 60
TIMING SPECIFICATIONS
Timing specifications are guaranteed over the full temperature and supply range.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Comments
MASTER CLOCK AND RESET
MCLKI Frequency
fMCLK
12.288
54
MHz
XIN Frequency
fXIN
27.0
54
MHz
RESET Low
tRESET
20
ns
SPI PORT
CCLK High
tCCH
40
ns
CCLK Low
tCCL
40
ns
CIN Setup
tCIS
10
ns
To CCLK rising edge
CIN Hold
tCIH
10
ns
From CCLK rising edge
CLATCH Setup
tCLS
10
ns
To CCLK rising edge
CLATCH Hold
tCLH
10
ns
From CCLK rising edge
COUT Enable
tCOE
15
ns
From CLATCH falling edge
COUT Delay
tCOD
20
ns
From CCLK falling edge
COUT Three-State
tCOTS
25
ns
From CLATCH rising edge
SERIAL PORTS1
Slave Mode
xBCLK High
tSBH
40
ns
xBCLK Low
tSBL
40
ns
xBCLK Frequency
fSBF
64 × fS
xLRCLK Setup
tSLS
10
ns
To xBCLK rising edge
xLRCLK Hold
tSLH
10
ns
From xBCLK rising edge
xSDATA Setup
tSDS
10
ns
To xBCLK rising edge
xSDATA Hold
tSDH
10
ns
From xBCLK rising edge
xSDATA Delay
tSDD
10
ns
From xBCLK falling edge
Master Mode
xLRCLK Delay
tMLD
5
ns
From xBCLK falling edge
xSDATA Delay
tMDD
10
ns
From xBCLK falling edge
xSDATA Setup
tMDS
10
ns
From xBCLK rising edge
xSDATA Hold
tMDH
10
ns
From xBCLK rising edge
1 The prefix x refers to I-, O-, IAUX-, or OAUX- for the full pin name.
TEMPERATURE RANGE
Table 4.
Heading
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
−40
+85
°C
Storage
−65
+150
°C


Similar Part No. - ADAV801_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
   Audio Codec for Recordable DVD
More results

Similar Description - ADAV801_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
   Audio Codec for Recordable DVD
ADAV802 AD-ADAV802_15 Datasheet
532Kb / 53P
   Audio Codec For Recordable DVD
Rev. Pr G
ADAV803 AD-ADAV803 Datasheet
906Kb / 56P
   Audio Codec for Recordable DVD
REV. 0
ADAV801 AD-ADAV801 Datasheet
1Mb / 56P
   Audio Codec for Recordable DVD
REV. 0
ADAV803 AD-ADAV803_15 Datasheet
1Mb / 60P
   Audio Codec for Recordable DVD
REV. A
ADAV803 AD-ADAV803_17 Datasheet
859Kb / 61P
   Audio Codec for Recordable DVD
logo
Opnext. Inc.
HL6545MG OPNEXT-HL6545MG Datasheet
95Kb / 4P
   Visible High Power Laser Diode for Recordable-DVD
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
STMicroelectronics
STD8010 STMICROELECTRONICS-STD8010 Datasheet
108Kb / 3P
   Flexible MPEG audio/video codec with DVD and DVB receiver capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com