Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP424YDT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP424YDT
Description  T-1(3mm) CYLINDRICAL LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP424YDT Datasheet(HTML) 3 Page - Kingbright Corporation

  WP424YDT_15 Datasheet HTML 1Page - Kingbright Corporation WP424YDT_15 Datasheet HTML 2Page - Kingbright Corporation WP424YDT_15 Datasheet HTML 3Page - Kingbright Corporation WP424YDT_15 Datasheet HTML 4Page - Kingbright Corporation WP424YDT_15 Datasheet HTML 5Page - Kingbright Corporation WP424YDT_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAF2537
REV NO: V.6B
DATE: JAN/22/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1101004480
Yellow
WP424YDT


Similar Part No. - WP424YDT_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP424YDT KINGBRIGHT-WP424YDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
More results

Similar Description - WP424YDT_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP424GDT KINGBRIGHT-WP424GDT_15 Datasheet
320Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
WP424SRDT KINGBRIGHT-WP424SRDT_15 Datasheet
319Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
WP424IDT KINGBRIGHT-WP424IDT Datasheet
263Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424EDT KINGBRIGHT-WP424EDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT_15 Datasheet
320Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424GDT KINGBRIGHT-WP424GDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424SRDT KINGBRIGHT-WP424SRDT Datasheet
260Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424YDT KINGBRIGHT-WP424YDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424IDT KINGBRIGHT-WP424IDT_15 Datasheet
319Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424EDT KINGBRIGHT-WP424EDT_15 Datasheet
320Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com