Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP361 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices ADCMP361_15 Datasheet HTML 10Page - Analog Devices ADCMP361_15 Datasheet HTML 11Page - Analog Devices ADCMP361_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCMP361
Data Sheet
1
OUTPUT SINK CURRENT (mA)
1000
100
10
0.001
100
10
1
0.1
0.01
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.7V
TA = 85°C
Figure 17. Supply Current vs. Output Sink Current
–7
1.0
INPUT VOLTAGE (V)
–3
–5
0
0.2
0.6
–1
3
1
0.4
0.8
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
CURRENT IS POSITIVE
GOING INTO THE DEVICE.
VDD = 5V
0V < VIB < 1V
Figure 18. Low Level Input Bias Current
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
0.01
1000
10
1
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
TA = 25°C
Figure 19. Output Saturation Voltage vs. Output Sink Current
0.1
0
INPUT VOLTAGE (V)
1k
10k
100
10
1
–0.3
–0.2
–0.1
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
CURRENT IS GOING
OUT OF THE DEVICE.
VDD = 5V
–0.3V < VIB < 0V
Figure 20. Below Ground Input Bias Current
0.01
5
INPUT VOLTAGE (V)
1
0.1
1
2
4
10
3
TA = –40°C
TA = +125°C
TA = +85°C
TA = +25°C
CURRENT IS GOING INTO THE DEVICE
VDD = 5V
VIB > 1V
Figure 21. High Level Input Bias Current
1
OUTPUT SINK CURRENT (mA)
100
10
0.001
0.1
1000
10
0.01
1
VDD = 5.0V
TA = –40°C
VDD = 3.3V
VDD = 2.5V
VDD = 1.8V
Figure 22. Output Saturation Voltage vs. Output Sink Current
Rev. B | Page 8 of 12


Similar Part No. - ADCMP361_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361ARJ AD-ADCMP361ARJ Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
More results

Similar Description - ADCMP361_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
   Dual-Channel Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
   DUAL COMPARATOR AND VOLTAGE REFERENCE
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
   Comparator and Reference with Adj. Hystersis
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com