Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP361 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP361
Description  Comparator and Reference with Dual Polarity Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP361_15 Datasheet HTML 1Page - Analog Devices ADCMP361_15 Datasheet HTML 2Page - Analog Devices ADCMP361_15 Datasheet HTML 3Page - Analog Devices ADCMP361_15 Datasheet HTML 4Page - Analog Devices ADCMP361_15 Datasheet HTML 5Page - Analog Devices ADCMP361_15 Datasheet HTML 6Page - Analog Devices ADCMP361_15 Datasheet HTML 7Page - Analog Devices ADCMP361_15 Datasheet HTML 8Page - Analog Devices ADCMP361_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADCMP361
SPECIFICATIONS
VDD = 1.7 V to 5.5 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
THRESHOLDS1
Rising Input Threshold Voltage
399.3
400.4
401.5
mV
VDD = 3.3 V, TA = 25°C
391.2
400.4
407.7
mV
VDD = 1.7 V
393.1
400.4
405.9
mV
VDD = 3.3 V
393.1
400.4
405.8
mV
VDD = 5.5 V
Falling Input Threshold Voltage
381.1
391.1
400.9
mV
VDD = 1.7 V
381.2
391.1
398.4
mV
VDD = 3.3 V
381.0
391.1
398.2
mV
VDD = 5.5 V
Hysteresis = VTH(R) – VTH(F)
2
9.3
13.5
mV
Threshold Voltage Accuracy
±0.275
%
TA = 25°C, VDD = 3.3 V
Threshold Voltage Temperature Coefficient
16
ppm/°C
POWER SUPPLY
Supply Current
6.5
9
µA
VDD = 1.7 V
7.0
10
µA
VDD = 5.5 V
INPUT CHARACTERISTICS
Input Bias Current
0.01
5
nA
VDD = 1.7 V, VIN = VDD
0.01
5
nA
VDD = 1.7 V, VIN = 0.1 V
OPEN-DRAIN OUTPUTS
Output Low Voltage2
140
220
mV
VDD = 1.7 V, IOUT = 3 mA
140
220
mV
VDD = 5.5 V, IOUT = 5 mA
Output Leakage Current3
0.01
1
µA
VDD = 1.7 V, VOUT = VDD
0.01
1
µA
VDD = 1.7 V, VOUT = 5.5 V
DYNAMIC PERFORMANCE
High-to-Low Propagation Delay2, 4
10
µs
VDD = 5 V, VOL = 400 mV
Low-to-High Propagation Delay2, 4
8
µs
VDD = 5 V, VOH = 0.9 × VDD
Output Rise time2, 4
0.5
µs
VDD = 5 V, VO = (0.1 to 0.9) × VDD
Output Fall time2, 4
0.07
µs
VDD = 5 V, VO = (0.1 to 0.9) × VDD
1
RL = 100 kΩ, VO = 2 V swing.
2
10 mV input overdrive.
3
VIN = 40 mV overdrive.
4
RL = 10 kΩ.
Rev. B | Page 3 of 12


Similar Part No. - ADCMP361_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361ARJ AD-ADCMP361ARJ Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
More results

Similar Description - ADCMP361_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
   Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
   Dual-Channel Comparator and Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
   DUAL COMPARATOR AND VOLTAGE REFERENCE
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
   Comparator and Reference with Adj. Hystersis
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com