Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1175JCB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI1175JCB
Description  8-Bit, 20 MSPS, Flash A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1175JCB Datasheet(HTML) 4 Page - Intersil Corporation

  HI1175JCB Datasheet HTML 1Page - Intersil Corporation HI1175JCB Datasheet HTML 2Page - Intersil Corporation HI1175JCB Datasheet HTML 3Page - Intersil Corporation HI1175JCB Datasheet HTML 4Page - Intersil Corporation HI1175JCB Datasheet HTML 5Page - Intersil Corporation HI1175JCB Datasheet HTML 6Page - Intersil Corporation HI1175JCB Datasheet HTML 7Page - Intersil Corporation HI1175JCB Datasheet HTML 8Page - Intersil Corporation HI1175JCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4-1072
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Reference Voltage, VRT, VRB . . . . . . . . . . . . . . . . . . . . . VDD to VSS
Analog Input Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . VDD to VSS
Digital Input Voltage, CLK. . . . . . . . . . . . . . . . . . . . . . . . VDD to VSS
Digital Output Voltage, VOH, VOL . . . . . . . . . . . . . . . . . . VDD to VSS
Operating Conditions (Note 1)
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . -40
oC to 85oC
Supply Voltage
AVDD, AVSS, DVDD, DVSS . . . . . . . . . . . . . . . +4.75V to +5.25V
|DGND-AGND| . . . . . . . . . . . . . . . . . . . . . . . . . . . .0mV to 100mV
Reference Input Voltage
VRB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V and Above
VRT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V and Below
Analog Input Range, VIN . . . . . . . VRB to VRT (1.8VP-P to 2.8VP-P)
Clock Pulse Width
tPW1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns (Min)
tPW0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns (Min)
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
78
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range, TSTG . . . . .-65
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
fC = 20 MSPS, VDD = +5V, VRB = 0.5V, VRT = 2.5V, TA = 25
oC (Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Offset Voltage
EOT
-60
-35
-10
mV
EOB
0
+15
+45
mV
Integral Non-Linearity, INL
fC = 20 MSPS, VIN = 0.6V to 2.6V
-
±0.5
±1.3
LSB
Differential Non-Linearity, DNL
fC = 20 MSPS, VIN = 0.6V to 2.6V
-
±0.3
±0.5
LSB
DYNAMIC CHARACTERISTICS
Effective Number of Bits, ENOB
fIN = 1MHz
-
7.6
-
Bits
Spurious Free Dynamic Range
fIN = 1MHz
-
51
-
dB
Signal to Noise Ratio, SINAD
fC = 20MHz, fIN = 1MHz
-
46
-
dB
fC = 20MHz, fIN = 3.58MHz
-
46
-
dB
Maximum Conversion Speed, fC
VIN = 0.6V to 2.6V, fIN = 1kHz Ramp
20
35
-
MSPS
Minimum Conversion Speed
-
-
0.5
MSPS
Differential Gain Error, DG
NTSC 40 IRE Mod Ramp, fC = 14.3 MSPS
-
1.0
-
%
Differential Phase Error, DP
-
0.5
-
Degree
Aperture Jitter, tAJ
-30-
ps
Sampling Delay, tDS
-4-
ns
Data Latency, tLAT
-
-
2.5
Cycles
ANALOG INPUTS
Analog Input Bandwidth (-1dB), BW
-
18
-
MHz
Analog Input Capacitance, CIN
VIN = 1.5V + 0.07VRMS
-11-
pF
RMS Signal
RMS Noise
Distor tion
+
------------------------------------------------------------------
=
HI1175


Similar Part No. - HI1175JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1175JCB INTERSIL-HI1175JCB Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175JCB RENESAS-HI1175JCB Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
More results

Similar Description - HI1175JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com