Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1177 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI1177
Description  8-Bit, 40MSPS, 2-Channel D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1177 Datasheet(HTML) 6 Page - Intersil Corporation

  HI1177 Datasheet HTML 1Page - Intersil Corporation HI1177 Datasheet HTML 2Page - Intersil Corporation HI1177 Datasheet HTML 3Page - Intersil Corporation HI1177 Datasheet HTML 4Page - Intersil Corporation HI1177 Datasheet HTML 5Page - Intersil Corporation HI1177 Datasheet HTML 6Page - Intersil Corporation HI1177 Datasheet HTML 7Page - Intersil Corporation HI1177 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10
FIGURE 3. SETUP HOLD TIME AND GLITCH ENERGY
FIGURE 4. CROSSTALK
FIGURE 5. DC CHARACTERISTICS
Test Circuits (Continued)
29
27
30
25
24
17
18
22
19
20
Y0
~ Y7
8-BIT
COUNTER
WITH
LATCH
1
~ 8
C0
~ C7
9
~ 18
BLK
CE
VB
YCK
CCK
DVSS
0.1
µ
CLK
1MHz
SQUARE
WAVE
IREF
VREF
VG
C0
Y0
75
AVSS
OSCILLOSCOPE
75
AVSS
AVDD
AVSS
0.1
µ
1.2K
1K
DELAY
CONTROLLER
DELAY
CONTROLLER
29
27
30
25
24
17
18
22
19
20
Y0
~ Y7
DIGITAL
WAVEFORM
GENERATOR
1
~ 8
C0
~ C7
9
~ 18
BLK
CE
VB
YCK
CCK
DVSS
0.1
µ
CLK
40MHz
SQUARE
WAVE
IREF
VREF
VG
C0
Y0
200
AVSS
SPECTRUM
200
AVSS
AVDD
AVSS
0.1
µ
3.3K
1K
ANALIZER
ALL “1”
29
27
30
25
24
17
18
22
19
20
Y0
~ Y7
CONTROLLER
1
~ 8
C0
~ C7
9
~ 18
BLK
CE
VB
YCK
CCK
DVSS
0.1
µ
CLK
40MHz
SQUARE
WAVE
IREF
VREF
VG
C0
Y0
200
AVSS
DVM
200
AVSS
AVDD
AVSS
0.1
µ
3.3K
1K
HI1177


Similar Part No. - HI1177

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
HI1177JCQ RENESAS-HI1177JCQ Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results

Similar Description - HI1177

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
   8-bit 40MSPS YC 2-channel D/A Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Intersil Corporation
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com