Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1179JCQ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI1179JCQ
Description  8-Bit, 35 MSPS, Video A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1179JCQ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI1179JCQ Datasheet HTML 3Page - Intersil Corporation HI1179JCQ Datasheet HTML 4Page - Intersil Corporation HI1179JCQ Datasheet HTML 5Page - Intersil Corporation HI1179JCQ Datasheet HTML 6Page - Intersil Corporation HI1179JCQ Datasheet HTML 7Page - Intersil Corporation HI1179JCQ Datasheet HTML 8Page - Intersil Corporation HI1179JCQ Datasheet HTML 9Page - Intersil Corporation HI1179JCQ Datasheet HTML 10Page - Intersil Corporation HI1179JCQ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
4-1116
FIGURE 19. ENOB vs TEMPERATURE
FIGURE 20. SFDR vs TEMPERATURE
FIGURE 21. OUTPUT LEVEL vs INPUT FREQUENCY
FIGURE 22. POWER DISSIPATION vs CLOCK FREQUENCY
Pin Descriptions
PIN
NUMBER
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
1-8
D0 to D7
D0 (LSB) to D7 (MSB) output.
Typical Performance Curves fC = 35 MSPS, TA = 25oC, Unless Otherwise Specified (Continued)
TEMPERATURE (oC)
9
5
0
255075
fIN = 5MHz
fIN = 10MHz
fIN = 1MHz
8
7
6
fC = 35 MSPS
TEMPERATURE (oC)
60
30
0
255075
fIN = 5MHz
fIN = 1MHz
fC = 35 MSPS
55
50
45
40
35
fIN = 10MHz
fIN (MHz)
0
-1
-2
-3
0.1
1
10
100
CLOCK FREQUENCY (MHz)
150
100
50
0
0
10152025303540
5
VDD = 5V
VDD = 4V
TA = 75
oC
D1
HI1179


Similar Part No. - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179JCQ INTERSIL-HI1179JCQ Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
logo
Renesas Technology Corp
HI1179JCQ RENESAS-HI1179JCQ Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results

Similar Description - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com