Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1179-EV Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1179-EV
Description  8-Bit, 35 MSPS, Video A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1179-EV Datasheet(HTML) 5 Page - Intersil Corporation

  HI1179-EV Datasheet HTML 1Page - Intersil Corporation HI1179-EV Datasheet HTML 2Page - Intersil Corporation HI1179-EV Datasheet HTML 3Page - Intersil Corporation HI1179-EV Datasheet HTML 4Page - Intersil Corporation HI1179-EV Datasheet HTML 5Page - Intersil Corporation HI1179-EV Datasheet HTML 6Page - Intersil Corporation HI1179-EV Datasheet HTML 7Page - Intersil Corporation HI1179-EV Datasheet HTML 8Page - Intersil Corporation HI1179-EV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
4-1114
Timing Diagrams
FIGURE 12.
FIGURE 13.
tPW1
tPW0
CLOCK
ANALOG INPUT
DATA OUTPUT
N
N - 2
N + 3
N + 4
N - 3
N - 2
N - 1
N
N + 1
tD = 13ns
: POINT FOR ANALOG SIGNAL SAMPLING
N + 1
ANALOG INPUT
EXTERNAL CLOCK
UPPER COMPARATOR BLOCK
UPPER DATA
LOWER REFERENCE VOLTAGE
LOWER COMPARATOR BLOCK A
LOWER DATA A
LOWER COMPARATOR BLOCK B
LOWER DATA B
DIGITAL OUTPUT
VI(1)
VI(2)
VI(3)
VI(4)
S (1)
C (1)
S (2)
C (2)
S (3)
S (4)
C (3)
C (4)
MD (0)
MD (1)
MD (2)
MD (3)
RV (0)
RV (1)
RV (2)
RV (3)
S (1)
C (1)
S (3)
C (3)
H (3)
H (1)
LD (-1)
LD (1)
H (0)
C (0)
S (2)
H (2)
C (2)
S (4)
H (4)
LD (-2)
LD (0)
LD (2)
OUT (-2)
OUT (-1)
OUT (0)
OUT (1)
HI1179


Similar Part No. - HI1179-EV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179-EV INTERSIL-HI1179-EV Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
logo
Renesas Technology Corp
HI1179-EV RENESAS-HI1179-EV Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results

Similar Description - HI1179-EV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com