Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1276Y Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI1276Y
Description  8-Bit 500 MSPS Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1276Y Datasheet(HTML) 8 Page - Intersil Corporation

  HI1276Y Datasheet HTML 1Page - Intersil Corporation HI1276Y Datasheet HTML 2Page - Intersil Corporation HI1276Y Datasheet HTML 3Page - Intersil Corporation HI1276Y Datasheet HTML 4Page - Intersil Corporation HI1276Y Datasheet HTML 5Page - Intersil Corporation HI1276Y Datasheet HTML 6Page - Intersil Corporation HI1276Y Datasheet HTML 7Page - Intersil Corporation HI1276Y Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Harris Semiconductor products are sold by description only. Harris Semiconductor reserves the right to make changes in circuit design and/or specifications at
any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Harris is
believed to be accurate and reliable. However, no responsibility is assumed by Harris or its subsidiaries for its use; nor for any infringements of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Harris or its subsidiaries.
Sales Office Headquarters
For general information regarding Harris Semiconductor and its products, call 1-800-4-HARRIS
UNITED STATES
Harris Semiconductor
P. O. Box 883, Mail Stop 53-210
Melbourne, FL 32902
TEL: 1-800-442-7747
(407) 729-4984
FAX: (407) 729-5321
EUROPE
Harris Semiconductor
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2-724-2111
ASIA
Harris Semiconductor PTE Ltd.
No. 1 Tannery Road
Cencon 1, #09-01
Singapore 1334
TEL: (65) 748-4200
FAX: (65) 748-0400
SEMICONDUCT OR
8
HI1276Y
Pad Coordinates (Continued)
PAD COORDINATE 2
PAD
NO.
PAD
NAME
X [
µm]
Y
[µm]
1
LINV
2158.40
4450.40
2
OR
1968.00
4450.40
3
OR
1777.60
4450.40
4
D0
1587.20
4450.40
5
D0
1396.80
4450.40
6
D1
1206.40
4450.40
7
D1
1016.00
4450.40
8DVEE
825.60
4450.40
9
DGND1
635.20
4450.40
10
DGND2
348.80
4450.40
11
DGND2
169.60
5271.20
12
D2
169.60
3690.40
13
D2
169.60
3500.00
14
DVEE
169.60
3309.60
15
D3
169.60
3119.20
16
D3
169.60
2928.80
17
DGND2
169.60
2738.40
18
DGND2
169.60
2589.60
19
DGND1
169.60
2418.40
20
DGND1
169.60
2261.60
21
D4
169.60
2071.20
22
D4
169.60
1880.80
45
VRBS
3505.60
175.20
46
VRB
3696.00
175.20
47
AVEE
3886.40
175.20
48
AVEE
4035.20
175.20
49
AGND
4337.60
175.20
50
AGND
4337.60
1252.00
51
VIN2
4337.60
1530.40
52
VIN2
4337.60
1680.80
53
AGND
4337.60
1959.20
54
VRM
4337.60
2312.80
55
AGND
4337.60
2658.40
56
VIN1
4337.60
2944.80
57
VIN1
4337.60
3095.20
58
AGND
4337.60
3373.60
59
AGND
4337.60
4450.40
60
AVEE
4035.20
4450.40
61
AVEE
3886.40
4450.40
62
VRT
3696.00
4450.40
63
VRTS
3505.60
4450.40
64
3124.80
4450.40
65
AVEE
2688.00
4450.40
66
AVEE
2539.20
4450.40
PAD
NO.
PAD
NAME
X [
µm]
Y
[µm]
23
DVEE
169.60
1690.40
24
D5
169.60
1500.00
25
D5
169.60
1309.60
26
169.60
1119.20
27
DGND2
169.60
548.00
28
DGND2
169.60
322.40
29
DGND1
444.80
175.20
30
DVEE
635.20
175.20
31
D6
825.60
175.20
32
D6
1016.00
175.20
33
D7
1206.40
175.20
34
D7
1396.80
175.20
35
MINV
1587.20
175.20
36
1777.60
175.20
37
1968.00
175.20
38
CLK
2158.40
175.20
39
CLK
2348.80
175.20
40
AVEE
2539.20
175.20
41
AVEE
2688.00
175.20
42
2934.40
175.20
43
3124.80
175.20
44
3315.20
175.20
PAD
NO.
PAD
NAME
X [
µm]
Y
[µm]


Similar Part No. - HI1276Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1276-EV INTERSIL-HI1276-EV Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1276AIL INTERSIL-HI1276AIL Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI1276Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
logo
Fairchild Semiconductor
SPT7750 FAIRCHILD-SPT7750 Datasheet
90Kb / 8P
   8-BIT, 500 MSPS, FLASH A/D CONVERTER
logo
Sony Corporation
CXA1276K SONY-CXA1276K Datasheet
570Kb / 25P
   8-BIT 500 MSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7750 CADEKA-SPT7750 Datasheet
282Kb / 8P
   8-BIT, 500 MSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com