Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP600 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP600
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP600 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP600_15 Datasheet HTML 1Page - Analog Devices ADCMP600_15 Datasheet HTML 2Page - Analog Devices ADCMP600_15 Datasheet HTML 3Page - Analog Devices ADCMP600_15 Datasheet HTML 4Page - Analog Devices ADCMP600_15 Datasheet HTML 5Page - Analog Devices ADCMP600_15 Datasheet HTML 6Page - Analog Devices ADCMP600_15 Datasheet HTML 7Page - Analog Devices ADCMP600_15 Datasheet HTML 8Page - Analog Devices ADCMP600_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. A | Page 5 of 16
TIMING INFORMATION
Figure 2 illustrates the ADCMP600/ADCMP601/ADCMP602 latch timing relationships. Table 2 provides definitions of the terms shown
in Figure 2.
1.1V
50%
VN ± VOS
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
tH
tPDL
tPLOH
tF
VIN
VOD
tS
tPL
Figure 2. System Timing Diagram
Table 2. Timing Descriptions
Symbol
Timing
Description
t
PDH
Input to output high delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output low-to-high transition.
t
PDL
Input to output low delay
Propagation delay measured from the time the input signal crosses the reference (± the
input offset voltage) to the 50% point of an output high-to-low transition.
t
PLOH
Latch enable to output high delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output low-to-high transition.
t
PLOL
Latch enable to output low delay
Propagation delay measured from the 50% point of the latch enable signal low-to-high
transition to the 50% point of an output high-to-low transition.
t
H
Minimum hold time
Minimum time after the negative transition of the latch enable signal that the input signal
must remain unchanged to be acquired and held at the outputs.
t
PL
Minimum latch enable pulse width
Minimum time that the latch enable signal must be high to acquire an input signal change.
t
S
Minimum setup time
Minimum time before the negative transition of the latch enable signal occurs that an
input signal change must be present to be acquired and held at the outputs.
t
R
Output rise time
Amount of time required to transition from a low to a high output as measured at the 20%
and 80% points.
t
F
Output fall time
Amount of time required to transition from a high to a low output as measured at the 20%
and 80% points.
V
OD
Voltage overdrive
Difference between the input voltages V
A and VB.


Similar Part No. - ADCMP600_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
More results

Similar Description - ADCMP600_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP606 AD-ADCMP606_15 Datasheet
371Kb / 14P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com