Electronic Components Datasheet Search |
|
HI1396JCJ Datasheet(PDF) 1 Page - Intersil Corporation |
|
HI1396JCJ Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 10 page 4-1156 August 1997 HI1396 8-Bit, 125 MSPS, Flash A/D Converter Features • Differential Linearity Error ±0.5 LSB (Typ) or Less • Integral Linearity Error ±0.5 LSB (Typ) or Less • Built-In Integral Linearity Compensation Circuit • Ultra High Speed Operation with Maximum Conversion Rate of 125 MSPS (Min) • Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . . 18pF • Wide Analog Input Bandwidth (Min for Full Scale Input) . . . . . . . . . . . . . . . . . . 200MHz • Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . .-5.2V • Low Power Consumption (Typ) . . . . . . . . . . . . .870mW • Low Error Rate • Operable at 50% Clock Duty Cycle • Capable of Driving 50 Ω Loads • Direct Replacement for Sony CXA1396 Applications • Video Digitizing • Communication Systems • HDTV (High Definition TV) • Radar Systems • Direct RF Down-Conversion • Digital Oscilloscopes Description The HI1396 is an 8-bit, ultra high speed flash analog-to-digital converter IC capable of digitizing analog signals at the maxi- mum rate of 125 MSPS. The digital I/O levels of the converter are compatible with ECL 100K/10KH/10K. Pinouts Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. NO. HI1396JCJ -20 to 75 42 Ld SBDIP D42.6 HI1396AIL -20 to 100 68 Ld CLCC J68.A HI1396 (SBDIP) TOP VIEW HI1396 (CLCC) TOP VIEW 13 1 2 3 4 5 6 7 8 9 10 11 12 14 15 16 17 18 19 20 AVEE NC LINV DVEE DGND1 DGND2 (LSB) D0 D1 D2 D3 D4 D5 D6 (MSB) D7 DGND2 DGND2 DVEE MINV NC CLK 30 42 41 40 39 38 37 36 35 34 33 32 31 29 28 27 26 25 24 NC VRT NC AVEE AVEE NC NC AGND VIN AGND VRM AGND VIN AGND NC NC AVEE AVEE NC VRB 21 22 23 NC CLK NC AVEE AVEE NC VRB NC NC NC CLK CLK NC MINV NC DVEE NC NC NC NC AVEE AVEE NC VRT NC AVEE NC NC NC LINV NC DVEE NC DGND1 DGND2 NC 9 8765432 1 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 File Number 3576.3 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999 |
Similar Part No. - HI1396JCJ |
|
Similar Description - HI1396JCJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |