Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1826 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1826
Description  6-Bit, 140 MSPS, Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1826 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1826 Datasheet HTML 1Page - Intersil Corporation HI1826 Datasheet HTML 2Page - Intersil Corporation HI1826 Datasheet HTML 3Page - Intersil Corporation HI1826 Datasheet HTML 4Page - Intersil Corporation HI1826 Datasheet HTML 5Page - Intersil Corporation HI1826 Datasheet HTML 6Page - Intersil Corporation HI1826 Datasheet HTML 7Page - Intersil Corporation HI1826 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-5
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage (AVEE) . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 0.5V
Reference Voltage (VRT, VRB) . . . . . . . . . . . . . . . . . . . -1.5V to 0.5V
| VRT - VRB | . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V
Analog Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . -2.7V to 0.5V
Digital Input Voltage (CLKP, CLKN, INV) . . . . . . . . . . . . -4V to 0.5V
| CLKP - CLKN | . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V
Digital Output Current (ID0 to ID5) . . . . . . . . . . . . . . . -30mA to 0mA
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . -20
oC to 75oC
Supply Voltage
AVEE, DVEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.5V to -4.95V
AVEE, DVEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05V to 0.05V
AGND, DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05V to 0.05V
Reference Voltage
VRT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.1V to 0.1V
VRB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.2V to -1.8V
Analog Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . VRB to VRT
Clock Pulse Width
tPW1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0ns
tPW0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0ns
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
122
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = +5V, VRB = 1.0V, VRT = 2.0V, TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
n
6
6
6
bits
DC CHARACTERISTICS
Integral Linearity Error
EIL
fC = 140MHz
-0.25
-
+0.25
LSB
Differential Linearity Error
EDL
fC = 140MHz
-0.25
-
+0.25
LSB
ANALOG INPUT
Analog Input Capacitance
CIN
VIN = -1V + 0.07VRMS
-
7
18
pF
Analog Input Resistance
RIN
300
-
-
k
Input Bias Current
IIN
VIN = -1V
-
-
400
µA
REFERENCE INPUT
Reference Resistance
RREF
-
200
-
Offset Voltage
VRT
EOT
-
-
20
mV
VRB
EOB
-
-
20
mV
DIGITAL INPUT
Logic High Level
VIH
-1.13
-
-0.65
V
Logic Low Level
VIL
-2.1
-
-1.5
V
Logic High Current
IIH
Apply -0.8V to Input
0
-
50
µA
Logic Low Current
IIL
Apply -1.6V to Input
-50
-
50
µA
Input Capacitance
-7
pF
SWITCHING CHARACTERISTICS
Maximum Conversion Frequency
fC
Error rate 1E-9 TPS (Note 1)
140
-
-
MSPS
Aperture Jitter
tAJ
-10-
ps
HI1826


Similar Part No. - HI1826

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HI1806N910R-10 ETC2-HI1806N910R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
HI1806N910R-10 LSTD-HI1806N910R-10 Datasheet
160Kb / 1P
   this print is the property of laird tech
logo
List of Unclassifed Man...
HI1806T600R-10 ETC2-HI1806T600R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
HI1806T600R-10 LSTD-HI1806T600R-10 Datasheet
169Kb / 1P
   this print is the property of laird tech
logo
List of Unclassifed Man...
HI1812T800R-10 ETC2-HI1812T800R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
More results

Similar Description - HI1826

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com