Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1866 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI1866
Description  6-Bit, 140 MSPS, Flash A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1866 Datasheet(HTML) 3 Page - Intersil Corporation

  HI1866 Datasheet HTML 1Page - Intersil Corporation HI1866 Datasheet HTML 2Page - Intersil Corporation HI1866 Datasheet HTML 3Page - Intersil Corporation HI1866 Datasheet HTML 4Page - Intersil Corporation HI1866 Datasheet HTML 5Page - Intersil Corporation HI1866 Datasheet HTML 6Page - Intersil Corporation HI1866 Datasheet HTML 7Page - Intersil Corporation HI1866 Datasheet HTML 8Page - Intersil Corporation HI1866 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4-3
Pin Descriptions
PIN NO.
SYMBOL
I/O
TYPICAL
VOLTAGE
LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
21
VRT
I
0V
Top reference voltage input (= 0). This is
the top reference voltage supplied to the
internal resistance chain. The external
input can be set in accordance with the
peak value on the plus side of the input
analog signal amplitude.
22
VRTS
O0V
VRT sense output. This is the voltage
sense pin for VRT.
16
VRB
I
-2V
Bottom reference voltage input (= -2V).
This is the bottom reference voltage
supplied to the internal resistance
chain. The external input can be set in
accordance with the peak value on the
minus side of the input analog signal
amplitude.
15
VRBS
O
-2V
VRB sense output. This is the voltage
sense pin for VRB.
19
VIN
IVRTS to
VRBS
Analog input. The input range is 2VP-P.
26
CCLK
I
ECL
CCLK clock input. This is the conversion
clock, and is an ECL level input.
25
NCCLK
I
ECL
CCLK inversion clock input. This is an
ECL level input. When left open, this
input goes to the ECL threshold potential
(-1.3V). Only CCLK input can be used for
operation with the NCCLK input left
open,
but
complementary
input
is
recommended to attain fast and stable
operation.
11
DCLK
I
ECL
DCLK clock input. This is the 1:2 DMPX
latch clock; input a clock of 1/2 frequency
of CCLK. Data is output from DMPX port
1 and port 2 synchronously with the
rising edge of this signal. This is an ECL
level input.
12
NDCLK
I
ECL
DCLK inversion clock input. This is an
ECL level input. When left open, this
input goes to the ECL threshold potential
(-1.3V). Only DCLK input can be used for
operation with the NDCLK input left
open,
but
complementary
input
is
recommended to attain fast and stable
operation.
VRT
VRTS
VRBS
VRB
COMPARATOR 1
COMPARATOR 2
COMPARATOR 31
COMPARATOR 32
COMPARATOR 63
VIN
AGND
AVEE
DGND1
CCLK
(DCLK)
NCCLK
(NDCLK)
500
500
DVEE
1.3V
R
R
R
R
RR
HI1866


Similar Part No. - HI1866

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HI1806N910R-10 ETC2-HI1806N910R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
HI1806N910R-10 LSTD-HI1806N910R-10 Datasheet
160Kb / 1P
   this print is the property of laird tech
logo
List of Unclassifed Man...
HI1806T600R-10 ETC2-HI1806T600R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
HI1806T600R-10 LSTD-HI1806T600R-10 Datasheet
169Kb / 1P
   this print is the property of laird tech
logo
List of Unclassifed Man...
HI1812T800R-10 ETC2-HI1812T800R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
More results

Similar Description - HI1866

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com