Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI20201JCB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI20201JCB
Description  10-Bit, 160 MSPS, Ultra High Speed D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI20201JCB Datasheet(HTML) 3 Page - Intersil Corporation

  HI20201JCB Datasheet HTML 1Page - Intersil Corporation HI20201JCB Datasheet HTML 2Page - Intersil Corporation HI20201JCB Datasheet HTML 3Page - Intersil Corporation HI20201JCB Datasheet HTML 4Page - Intersil Corporation HI20201JCB Datasheet HTML 5Page - Intersil Corporation HI20201JCB Datasheet HTML 6Page - Intersil Corporation HI20201JCB Datasheet HTML 7Page - Intersil Corporation HI20201JCB Datasheet HTML 8Page - Intersil Corporation HI20201JCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
10-1199
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVEE to DVSS . . . . . . . . . . . . . . . . . . . -7.0V
Analog Supply Voltage AVDD to AVSS . . . . . . . . . . . . . . . . . . -7.0V
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 to DVEE V
Reference Input Voltage . . . . . . . . . . . . . . . . . . . . . . +0.3 to AVEE V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
67
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
58
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Recommended Operating Conditions
Supply Voltage
AVEE,DVEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4.75V to -5.45V
AVEE - DVEE. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05V to +0.05V
Digital Input Voltage
VIH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to -0.7V
VIL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.9V to -1.6V
Reference Input Voltage, VREF . . . . . . . . VEE + 0.5V to VEE + 1.4V
Load Resistance, RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≥75Ω
Output Voltage, VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to 1.2V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-20oC to 75oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, AV
EE = DVEE = -5.2V, AGND = DGND = 0V, RL = , VOUT = -1V
PARAMETER
TEST CONDITIONS
HI20201JCB/JCP
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
10
-
-
Bits
Integral Linearity Error, INL
fS = 160MHz (End Point)
-
-
±1.0
LSB
Differential Linearity Error, DNL
fS = 160MHz
-
-
±0.50
LSB
Offset Error, VOS (Adjustable to Zero)
(Note 3)
-
7
-
LSB
Full Scale Error, FSE (Adjustable to Zero)
(Note 3)
-
-
±102
LSB
Full Scale Output Current, IFS
-
-
20
mA
DYNAMIC CHARACTERISTICS
Throughput Rate
See Figure 11
160
-
-
MHz
Glitch Energy, GE
ROUT = 75Ω
-
15
-
pV/s
REFERENCE INPUT
Voltage Reference Input Range
With Respect to AVEE
+0.5
-
+1.4
V
Reference Input Current
VREF = -4.58V
-0.1
-0.4
-3.0
µA
Voltage Reference to Output Small
Signal Bandwidth
-3dB point 1VP-P Input
-
14.0
-
MHz
Output Rise Time, tr
RLOAD = 75Ω
-
1.5
-
ns
Output Fall Time, tf
RLOAD = 75Ω
-
1.5
-
ns
DIGITAL INPUTS
Input Logic High Voltage, VIH
(Note 2)
-1.0
-0.89
V
Input Logic Low Voltage, VIL
(Note 2)
-1.75
-1.6
V
Input Logic Current, IIL, IIH
(For D9 thru D6, COMPL)
VIH = -0.89V, VIL = -1.75V (Note 2)
0.1
1.5
6.0
µA
Input Logic Current, IIL, IIH (For D5 thru D0) VIH = -0.89V, VIL = -1.75V (Note 2)
0.1
0.75
3.0
µA
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 11
5
-
-
ns
Data Hold Time, tHLD
See Figure 11
1
-
-
ns
Propagation Delay Time, tPD
See Figure 11
-
3.8
-
ns
Settling Time, tSET (to
1/
2 LSB)
See Figure 11
-
5.2
-
ns
HI20201


Similar Part No. - HI20201JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203 INTERSIL-HI20203 Datasheet
80Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203JCB INTERSIL-HI20203JCB Datasheet
80Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203JCB INTERSIL-HI20203JCB Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
HI20203JCP INTERSIL-HI20203JCP Datasheet
80Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
More results

Similar Description - HI20201JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203 INTERSIL-HI20203 Datasheet
80Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Intersil Corporation
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com