Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI20203JCB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI20203JCB
Description  8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI20203JCB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI20203JCB Datasheet HTML 2Page - Intersil Corporation HI20203JCB Datasheet HTML 3Page - Intersil Corporation HI20203JCB Datasheet HTML 4Page - Intersil Corporation HI20203JCB Datasheet HTML 5Page - Intersil Corporation HI20203JCB Datasheet HTML 6Page - Intersil Corporation HI20203JCB Datasheet HTML 7Page - Intersil Corporation HI20203JCB Datasheet HTML 8Page - Intersil Corporation HI20203JCB Datasheet HTML 9Page - Intersil Corporation HI20203JCB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10-10
FIGURE 13A.
FIGURE 13B.
FIGURE 13C.
FIGURE 13. MULTIPLYING BANDWIDTH
Test Circuits and Waveforms (Continued)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A
-5.2V
TO SCOPE
-5.2V
CLK
CLK
B
A GND
D GND
Adjust so that the voltage at point B
becomes -1V with no AC input.
10k
0.1
µF
51
OSC
0.047
µ
“1”
WAVEFORM AT POINT A
VEE -0.62V
VEE -0.31V
WAVEFORM AT POINT B
-1V
1VP-P AT 1MHz
HI20203
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com


Similar Part No. - HI20203JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203JCB INTERSIL-HI20203JCB Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
More results

Similar Description - HI20203JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
HI20201 INTERSIL-HI20201 Datasheet
82Kb / 11P
   10-Bit, 160 MSPS, Ultra High Speed D/A Converter
August 1997
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Intersil Corporation
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
HI1106 INTERSIL-HI1106 Datasheet
691Kb / 14P
   8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com