Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI20206 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI20206
Description  Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI20206 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI20206 Datasheet HTML 5Page - Intersil Corporation HI20206 Datasheet HTML 6Page - Intersil Corporation HI20206 Datasheet HTML 7Page - Intersil Corporation HI20206 Datasheet HTML 8Page - Intersil Corporation HI20206 Datasheet HTML 9Page - Intersil Corporation HI20206 Datasheet HTML 10Page - Intersil Corporation HI20206 Datasheet HTML 11Page - Intersil Corporation HI20206 Datasheet HTML 12Page - Intersil Corporation HI20206 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
10-11
(2)
Phase Relationship Between Data and Clock
In order to obtain the desired characteristics as a D/A
converter, it is necessary to set the phase relationship
correctly between the externally applied data and
clock.
Satisfy the standard of the set-up time (tS) and hold
time (tH) indicated in the electrical characteristics. As to
the meaning of tS and tH, see the timing chart.
Moreover, the clock pulse width is desired to be as
indicated in the recommended operating condition.
(3)
Regarding the Load of D/A Output Pin
Receive the D/A output of the next stage with high
impedance. In other words perform so that it becomes
as follows:
RL > 10kΩ
CL < 20pF.
The
temperature
characteristics
indicated
in
the
characteristics diagram has been measured under this
condition.
However, when it is made RL ≤ 10kΩ the temperature
characteristics may change considerably. In addition,
when it is made to CL ≥ 20pF, the rise and fall of the
D/A output become slow and will not operate at high
speed.
(4)
Noise Reduction Measures
As the D/A output voltage is a minute voltage of
approximately 4mV per one step, ingenuity is required
in reducing the noise entering from the outside of the
IC as much as possible. Therefore, use the items given
below as reference.
• When mounting onto the printed board, allow as
much space as possible to the ground surface and
the VCC surface on the board and reduce the para-
sitic inductance and resistance.
• It is desirable that the AGND and DGND be sepa-
rated in the pattern on the board. It is similar with
AVCC and DVCC. As shown in the diagram below, for
example, it is recommended that the wiring to the
electric supply of AGND and DGND as also AVCC
and DVCC be conducted separately, and then mak-
ing AGND and DGND as also AVCC and DVCC in
common right near the power supply respectively.
• Insert in parallel a 47
µF tantalum capacitor and a
100pF ceramic capacitor between the VCC surface
on the printed board and the nearmost ground sur-
face. (A of diagram below). It is also desirable to
insert the above between the VCC surface near the
pin of the IC and the ground surface (see Figure 11).
They are bypass capacitors to prevent bad effects
from occurring to the characteristics when the power
supply voltage fluctuates due to the clock, etc.
It is recommended to reduce noise which overlaps
the D/A output by inserting a capacitor of over 0.1
µF
between pin 25 (AGND) and pin 26 (VSET).
PRINTED BOARD
HI20206
POWER SUPPLY
DGND
AGND
AVCC
DVCC
A
B
FIGURE 11.
HI20206


Similar Part No. - HI20206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20201 INTERSIL-HI20201 Datasheet
82Kb / 11P
   10-Bit, 160 MSPS, Ultra High Speed D/A Converter
August 1997
HI20201-EV INTERSIL-HI20201-EV Datasheet
82Kb / 11P
   10-Bit, 160 MSPS, Ultra High Speed D/A Converter
August 1997
HI20201JCB INTERSIL-HI20201JCB Datasheet
82Kb / 11P
   10-Bit, 160 MSPS, Ultra High Speed D/A Converter
August 1997
HI20201JCP INTERSIL-HI20201JCP Datasheet
82Kb / 11P
   10-Bit, 160 MSPS, Ultra High Speed D/A Converter
August 1997
HI20203 INTERSIL-HI20203 Datasheet
80Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
August 1997
More results

Similar Description - HI20206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1260 INTERSIL-HI1260 Datasheet
166Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
   8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
logo
Intersil Corporation
HI1178 INTERSIL-HI1178 Datasheet
90Kb / 11P
   Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
HI2304 INTERSIL-HI2304 Datasheet
137Kb / 11P
   Triple 8-Bit, 20 MSPS, RGB, 3-Channel D/A Converter
August 1997
logo
Sony Corporation
CXD2304R SONY-CXD2304R Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Fujitsu Component Limit...
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
   3-Channel 8-Bit RGB D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com